Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 58 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 58 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 54Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 55Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 56Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 57Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 58Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 59Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 60Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 61Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 62Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 138 page
background image
Datasheet
58 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Features
4.8.3.7
Read register related registers and transactions
4.8.4
Data strobe (DS)
A data strobe (DS) is transmitted externally, along with data, for use in data capture at the host. During the period
of data transfer in read transactions, the DS signal is driven by the device and transitions with the DQ signal data
transitions. DS is used as an additional output signal with the same timing characteristics as other data outputs
but with the guarantee of transitioning with every data bit transferred. DS is edge-aligned with data for DDR
READs and is center-aligned with data for SDR READs. A pre-drive on DS exists to ensure DS is driven LOW immedi-
ately after 2.5 clock cycle after last address byte input to the device.
4.9
Write transactions
There are write transactions for writing to the Registers. These write transactions can use any of following three
protocols:
• SPI interface with SDR (1S-1S-1S) protocol, transfers the one byte command one bit per CK rising edge
• Octal interface with SDR (8S-8S-8S) protocol, transfers the two byte command eight bits per CK rising edge
• Octalinterface with DDR(8D-8D-8D) protocol,transfersthe two byte command eight bits per CK rising and falling
edge
4.9.1
Write enable transaction
The Write Enable (WRENB_0_0) transaction sets the Write Program Enable Status (WRPGEN) bit of the Status
Register 1 (STR1V[1]) to 1. The WRPGEN bit must be set to 1 by issuing the Write Enable (WRENB_0_0) Transaction
to enable write, program, and erase transactions (see Transaction table on page 95).
4.9.2
Write disable transaction
The Write Disable (WRDIS_0_0) transaction clears the Write Program Enable Status (WRPGEN) bit of the Status
Register 1 (STR1V[1]) to 0.
The WRPGEN bit can be cleared to 0 by issuing the Write Disable (WRDIS_0_0) transaction to disable commands
that requires WRPGEN be set to 1 for execution. The WRDIS_0_0 transaction can be used by the user to protect
memory areas against inadvertent write, program, or erase operations that can corrupt the contents of the
memory. The WRDIS_0_0 transaction is ignored during an embedded operation while RDYBSY bit = 1 (STR1V[0])
(see Transaction table on page 95).
Table 31
Read register related registers and transactions
Related registers
Related SPI transactions
(see Table 75 on page 95)
Related octal transactions
(see Table 78 on page 99)
Configuration Register 2 (CFR2N, CFR2V)
(see Table 48 on page 80)
Read Any Register (RDARG_C_0)
Read Any Register (RDARG_4_0)
Configuration Register 3 (CFR3N, CFR3V)
(see Table 50 on page 82)
Configuration Register 5 (CFR5N, CFR5V)
(see
Table 54 on page 85)
Read Status Register 1 (RDSR1_0_0)
Read Status Register 1 (RDSR1_4_0)
Read Status Register 2 (RDSR2_0_0)
Read Status Register 2 (RDSR2_4_0)
Read DYB (RDDYB_4_0)
Read DYB (RDDYB_4_0)
Read PPB (RDPPB_4_0)
Read PPB (RDPPB_4_0)
Read PPB Lock (RDPLB_0_0)
Read PPB Lock (RDPLB_4_0)
Read ECC Status (RDECC_4_0)
Read ECC Status (RDECC_4_0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com