Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 37 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 37 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 33Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 34Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 35Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 36Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 37Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 38Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 39Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 40Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 41Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 138 page
background image
Datasheet
37 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Features
Notes
• If a transaction is aborted before the command is legally received, i.e. the transfer length is cut short by CS#
de-asserting early - the transferred data will still be clocked into the CRC check-value, but it is no longer
guaranteed. When using Interface CRC, only valid, non-aborted transactions must be used.
• It is required to read Interface CRC value before any Volatile Status Register read and Clear Interface CRC value
after any Volatile Status Register read(s).
• When Interface CRC is disabled, the interface CRC register value becomes indeterminate. It is recommended to
read the interface CRC register before disabling the interface CRC feature, and again after enabling the interface
CRC feature to re-initialize the CRC calculation.
4.3.1
Read
The read operation is performed when the host specifies the READ transaction while CS# is LOW. The device then
provides the data from the memory based on the address. Any number of bytes can be read (burst reads) to
consecutive addresses without issuing a new READ transaction.
For transaction protection, the device performs the CRC over the entire transaction sequence (CS# LOW state)
using the CRC32 polynomial. Once the CS# is brought HIGH, the CRC calculation is stopped and the check-value
latched into the CRC Register. If multiple READ transactions are executed by the host, the device continues
updating the CRC check-value between every CS# LOW cycle.
Figure 39
Read CRC Protection
Note Back to back Interface CRC read transaction will not show the CRC checksum value being reset. At the end
of each read interface CRC register transaction, the interface CRC register will get reset and updates itself with
new CRC checksum value after getting a transaction with valid input data for at least three clock cycles.
CK
CS#
Command
(16 Bits)
Address
(32 Bits)
Read Data
(n Bits)
DQ[7:0]
Read Transaction
CRC32 - Equation
CRC Read
Every 32-bits of data is shifted into
CRC32 and the Checksum is updated
CK
CS#
Command
(16 Bits)
Address
(32 Bits)
Read Data
(n Bits)
DQ[7:0]
Read Transaction
CRC32 - Equation
CRC Read
Every 32-bits of data is shifted into
CRC32 and the Checksum is updated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com