Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 7Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 8Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 9Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 10Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 11Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 12Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 13Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 14Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 138 page
background image
Datasheet
11 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Interface overview
For SEMPER™ Flash Octal DDR mode operation, only clock Mode 0 is supported.
Figure 5
Octal DDR mode support
2.3
Transaction protocol
Transaction
• During the time that CS# is active (LOW), the clock signal (CK) is toggled while command information is first
transferred on the data (DQ) signals followed by address and data from the host to the flash device. The clock
continues to toggle during the transfer of read data from the flash device to the host or write data from the host
to the flash device. When the host has transferred the desired amount of data, the host drives the CS# inactive
(HIGH). The period during which CS# is active is called a transaction on the bus.
• While CS# is inactive, the CK is not required to toggle.
• The command transfer occurs at the beginning of every transaction. The address, latency cycles, and data
transfer phases are optional and their presence depends on the protocol mode or command transferred.
Transaction capture
• CK marks the transfer of each bit or group of bits between the host and memory. Command, address and write
data bits transfer occurs on CK rising edge in SDR transactions, or on every CK edge, in DDR transactions.
Note
• All attempts to read the flash memory array during a program or erase (embedded operations) are ignored. The
embedded operation will continue to execute without any effect. A very limited set of commands are accepted
during an embedded operation. These are discussed in Suspend and resume embedded operation on page
64.
Protocol terminology
• The number of DQ signals used during the transaction depends on the current protocol mode or command
transferred. The latency cycles do not use the DQ signals for information transfer. The protocol mode options
are described by the data rate and the DQ width (number of DQ signals) used during the command, address,
and data phases in the following format:
WR-WR-WR, where:
- The first WR is the command bit width and rate.
- The second WR is the address bit width and rate.
- The third WR is the data bit width and rate.
• The bit width value may be 1, or 8. R has a value of S for SDR or D for DDR. SDR has the same transfer value during
the rising and falling edge of a clock cycle. DDR can have different transfer values during the rising and falling
edges of each clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com