Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 3Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 4Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 5Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 6Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 7Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 8Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 9Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 10Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 138 page
background image
Datasheet
7 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Pinout and signal description
Table 1
Signal description
Symbol
Type
Mandatory /
optional
Description
CS#
Input
Mandatory
Chip Select (CS#). All bus transactions are initiated with a HIGH to LOW transition on CS# and
terminated with a LOW to HIGH transition on CS#. Driving CS# LOW enables the device, placing it in
the active mode. When CS# is driven HIGH, the device enters standby mode, unless an internal
embedded operation is in progress. All other input pins are ignored and the output pins are put in
high impedance state. On parts where the pin configuration offers a dedicated RESET# pin, it
remains active when CS# is HIGH.
CK
Input
Mandatory
Clock (CK). Clock provides the timing of the serial interface. Transactions are latched on the rising
edge of the clock. In SDR protocol, command, address and data inputs are latched on the rising edge
of the clock, while data is output on the falling edge of the clock. In DDR protocol, command,
address and data inputs are latched on both edges of the clock, and data is output on both edges
of the clock.
DS
Output
Mandatory
Read Data Strobe (DS). DS is used for data read operations only and indicates output data valid
for SDR/DDR modes. During a read transaction while CS# is LOW, DS toggles to synchronize data
output until CS# goes High.
DQ[7:0]
Input/Output
Mandatory
Serial Data (DQ[7:0]). Bidirectional signals that transfer command, address and data information.
Legacy (x1) SPI Interface: DQ[0] is an input (SI) and DQ[1] is an output (SO).
Octal (x8) Interface: DQ[7:0] are input and output.
RESET#
Input (weak
pull-up)
Optional
Hardware Reset (RESET#). When LOW, the device will self initialize and return to the array read
state. DS and DQ[7:0] are placed into the high impedance state when RESET# is LOW. RESET#
includes a weak pull-up, meaning, if RESET# is left unconnected it will be pulled up to the HIGH state
on its own.
INT#
Output
(Open Drain)
Optional
System Interrupt (INT#). When LOW, the device is indicating that an internal event has occurred.
This signal is intended to be used as a system level interrupt for the device to indicate that an
on-chip event has occurred. INT# is an open-drain output. The recommended pull-up resistor for
the INT# outputs is 5 k to 10 k.
VCC
Power supply
Mandatory
Core Power Supply
VCCQ
Power supply
Mandatory
Input / Output Power Supply
VSS
Ground
supply
Mandatory
Core Ground
VSSQ
Ground
supply
Mandatory
Input / Output Ground
DNU
-
-
Do Not Use.
Note
1. Flash memory devices in BGA packages can be damaged if exposed to ultrasonic cleaning methods. The package, data integrity, or both may be
compromised if the package body is exposed to temperatures above 150°C for prolonged periods of time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com