Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 59 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 59 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 55Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 56Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 57Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 58Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 59Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 60Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 61Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 62Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 63Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 138 page
background image
Datasheet
59 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Features
4.9.3
Clear program and erase failure flags transaction
The Clear Program and Erase Failure Flags (CLPEF_0_0) transaction resets bit STR1V[5] (Erase Error Flag) and bit
STR1V[6] (Program Error Flag) to 0. This transaction will be accepted even when the device remains busy with
RDYBSY set to 1, as the device does remain busy when either error bit is set. The WRPGEN bit will be unchanged
after this command is executed (see Transaction table on page 95).
4.9.4
Clear ECC status register transaction
The Clear ECC Status Register (CLECC_0_0) transaction resets bit ECSV[4] (2-bit ECC Detection), bit ECSV[3] (1-bit
ECC Correction), INSV[1:0] ECC detection status bits, Address Trap Register EATV[31:0], and ECC Detection
Counter ECTV[15:0]. It is not necessary to set the WRPGEN bit before this transaction is executed. The Clear ECC
Status Register transaction will be accepted even when the device remains busy with WRPGEN set to 1, as the
device does remain busy when either error bit is set. The WRPGEN bit will be unchanged after this command is
executed (see Transaction table on page 95).
4.9.5
Write any register transaction
The Write Any Register (WRARG_C_1 / WRARG_4_1) transaction provides a way to write any device register,
nonvolatile or volatile. The transaction includes the address of the register to be written, followed by one byte of
data to write in the addressed register (see Transaction table on page 95).
Before the WRARG_C_1 / WRARG_4_1 transaction can be accepted by the device, a Write Enable (WRENB_0_0)
transaction must be issued and decoded, which sets the Write/Program Enable bit (WRPGEN) in the Status
Register to enable any write operations. The RDYDSY bit in STR1V[0] can be checked to determine when the
operation is completed. The PRGERR and ERSERR bits in STR1V[6:5] can be checked to determine if any error
occurred during the operation.
Some registers have a mixture of bit types and individual rules controlling which bits can be modified. Some bits
are read only, some are OTP, and some are designated Reserved (DNU).
Read only bits are never modified and the related bits in the WRARG_C_1 / WRARG_4_1 transaction data byte are
ignored without setting a program or erase error indication (PRGERR or ERSERR in STR1V[6:5]). Hence, the value
of these bits in the WRARG_C_1 / WRARG_4_1 data byte do not matter.
OTP bits can only be programmed to the level opposite of their default state. Writing of OTP bits back to their
default state is ignored and no error is set.
Nonvolatile bits which are changed by the WRARG_C_1 / WRARG_4_1 data require nonvolatile register write time
(tW) to be updated. The update process involves an erase and a program operation on the nonvolatile register
bits. If either the erase or program portion of the update fails, the related error bit and RDYBSY bit in STR1V will
be set to 1.
Status Register 1 can be repeatedly read (polled) to monitor the RDYBSY bit (STR1V[0]) and the error bits
(STR1V[6,5]) to determine when the register write is completed or failed. If there is a write failure, the CLPEF_0_0
transaction is used to clear the error status and enable the device to return to standby state.
The ASP PPB Lock Register (PPLV) register cannot be written by the WRARG_C_1 / WRARG_4_1 transaction. Only
the Write PPB Lock Bit (WRPLB_0_0) transaction can write the PPLV Register.
The Data Integrity Check Register cannot be written by the WRARG_C_1 / WRARG_4_1 transaction. The Data
Integrity Check Register is loaded by running the Data Integrity Check transaction (DICHK_4_1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com