Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 78 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 78 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 74Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 75Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 76Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 77Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 78Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 79Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 80Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 81Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 82Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 138 page
background image
Datasheet
78 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Registers
5.3
Status register 2 (STR2x)
Status Register 2 provides device status on operations. The functionality of supported Status Register 2 type is
described in Table 44.
Table 44
Status register 2[23]
Bit
number
Name
Function
Read/Write
N = Nonvolatile
V = Volatile
Factory default
(binary)
Description
STR2V[7:5] RESRVD Reserved for Future Use
V -> R
0
This bit is Reserved for future use. This bit must always be
written/loaded to its default state.
STR2V[4]
DICRCS
Memory Array Data Integrity
Cyclic Redundancy Check
Suspend Status Flag
V -> R
0
Description: The DICRCS bit is used to determine when the
device is in Memory Array Data Integrity Cyclic Redundancy
Check suspend mode.
Selection Options:
0 = Memory Array Data Integrity Cyclic Redundancy Check is
not in suspend mode
1 = Memory Array Data Integrity Cyclic Redundancy Check is
in suspend mode
Dependency: N/A
STR2V[3]
DICRCA
Memory Array Data Integrity
Cyclic Redundancy Check
Abort Status Flag
V -> R
0
Description: The DICRCA bit indicates that the Memory Array
Data Integrity CRC calculation operation was aborted. The
abort condition is based on ending address (ENDADD) and
starting address (STRADD) relationship. If ENDADD <
STRADD + 3, then DICRCA will be set and the device will
return to the Standby state. DICRCA flag gets cleared at the
next Data Integrity CRC calculation operation when ENDADD
≥
STRADD + 3.
Selection Options:
0 = Memory Array Data Integrity CRC calculation Is not
aborted
1 = Memory Array Data Integrity CRC calculation is aborted
Dependency: N/A
STR2V[2]
SESTAT Sector Erase Success/Failure
Status Flag
V -> R
0
Description: The SESTAT bit indicates whether the erase
operation on the sector completed successfully. Evaluate
Erase Status transaction (EVERS_4_0) must be executed
prior to reading SESTAT bit which specifies the sector
address.
Selection Options:
1 = Addressed sector (EVERS_4_0) was erased successfully
0 = Addressed sector (EVERS_4_0) was not erased success-
fully
Dependency: N/A
STR2V[1]
ERASES Erase operation Suspend
Status Flag
V -> R
0
Description: The ERASES bit is used to indicate if the Erase
operation is suspended.
Selection Options:
0 = Erase operation is not in suspend mode
1 = Erase operation is in suspend mode
Dependency: N/A
STR2V[0]
PROGMS Program operation Suspend
Status Flag
V -> R
0
Description: The PROGMS bit is used to indicate if the
Program operation is suspended.
Selection Options:
0 = Program operation is not in suspend mode
1 = Program operation is in suspend mode
Dependency: N/A
Note
23. STR2x value during POR, Hardware Reset, Software Reset, DPD Exit, and CS# Signaling Reset is not valid. STR2x bits are valid only when STR1V[0] /
RDYBSY = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com