Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 87 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 87 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 83Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 84Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 85Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 86Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 87Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 88Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 89Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 90Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 91Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 138 page
background image
Datasheet
87 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Registers
5.13
ECC address trap register (EATV)
The ECC Address Trap Register (EATV) stores the address of the ECC unit data where either a 1-Bit/2-Bit error or
only a 1-Bit error occurred during a read operation. It stores the ECC unit address of the first ECC error captured
during a memory read operation since the last Clear ECC transaction.
5.14
ECC error detection count register (ECTV)
The ECC Error Detection Counter Register (ECTV) stores the number of either 1-Bit/2-Bit or only 1-Bit ECC errors
have occurred during read operations since the last POR or hardware/software reset.
Table 59
ECC address trap register
Bit
number
Name
Function
Read/Write
N = Nonvolatile
V = Volatile
Factory default
(binary)
Description
EATV[31:0] ECCATP[31:0]
ECC 1-bit and 2-bit
Error Address Trap
Register
V -> R
0x00000000
Description: The Address Trap Register (ECCATP[31:0]) stores
the ECC unit data address where a 1-Bit/2-Bit error occurred
during a read operation. ECCATP[31:0] stores the ECC unit
address of the first ECC error captured during a memory read
operation since the last Clear ECC Status Register transaction
(CLECC_0_0).
Note ECCATP[31:0] is only updated during Read Instruction.
Note Mask non-valid upper ECCATP address bits from ECC unit
address.
Note Clear ECC Status Register transaction (CLECC_0_0), POR
or Hardware/Software reset clears the EATV[31:0] to
0x00000000.
Selection Options: ECC Error Data Unit Address
Dependency: N/A
Table 60
ECC count register
Bit
number
Name
Function
Read/Write
N = Nonvolatile
V = Volatile
Factory default
(binary)
Description
ECTV[15:0] ECCCNT[15:0] ECC 1-bit and 2-bit
Error Count Register
V -> R
0x0000
Description: The ECCCNT[15:0] stores the number of 1-bit/2-bit
ECC errors occurred during read operations since the last POR
or hardware/software reset.
Note ECCCNT[15:0] is only updated during Read Instruction.
Note Only one ECC error is counted for each data unit. If
multiple read transactions access the same unit data
containing an ECC error, the ECCCNT[15:0] will increment each
time the unit data is read.
Note Once the count reaches 0xFFFF, the ECCCNT[15:0] will
stop incrementing
Note POR or Hardware/Software reset clears the ECCNT[15:0]
to 0x0000.
Selection Options: ECC Error Count
Dependency: N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com