Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 76 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 76 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 72Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 73Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 74Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 75Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 76Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 77Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 78Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 79Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 80Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 138 page
background image
Datasheet
76 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Registers
5.1
Register naming convention
5.2
Status register 1 (STR1x)
Status Register 1 contains both status and control bits. The functionality of supported Status Register 1 type is
described in Table 41.
Table 40
Register bit description convention
Bit Number
Name Function
Read/Write
Factory
Default
(binary)
Description
REGNAME#T[x]
T = N, V, O
Descending
Order
--
Possible Options:
N/A - Not Applicable
R - Readable Only
R/W - Readable and Writable
R/1 - Readable and OTP
Possible
Options:
0
1
Format:
Description of the Configuration bit
0 = Option ‘0’ selection of the Bit
1 = Option '1' selection of the Bit
Dependency: Is this Bit part of a function which
requires multiple bits for implementation?
Table 41
Status register 1[22]
Bit
number
Name
Function
Read/Write
N = Nonvolatile
V = Volatile
Factory
default
(binary)
Description
STR1N[7]
STR1V[7]
RESRVD
Reserved for Future
Use
N->R
V->R
0
This bit is Reserved for future use. This bit must always be
written/loaded to its default state.
STR1V[6]
PRGERR
Programming Error
Status Flag
V -> R
0
Description: The PRGERR bit indicates program operation success
or failure. When the PRGERR bit is set to a ‘1’, it indicates that there
was an error in the last programming operation. PRGERR bit is also
set when a program operation is attempted within a protected
memory region. When PRGERR is set, it can only be cleared with the
Clear Program and Erase Failure Flags (CLPEF_0_0) transaction or a
hardware/software reset.
Note The device will only go to standby mode once the PRGERR flag
is cleared.
Selection Options:
0 = Last programming operation was successful
1 = Last programming operation was unsuccessful
Dependency: N/A
STR1V[5]
ERSERR
Erasing Error Status
Flag
V -> R
0
Description: The ERSERR bit indicates erase operation success or
failure. When the ERSERR bit is set to a ‘1’, it indicates that there was
an error in the last erasing operation. ERSERR bit is also set when a
erase operation is attempted within a protected memory sector.
When ERSERR is set, it can only be cleared with the Clear Program
and Erase Failure Flags (CLPEF_0_0) transaction or a
hardware/software reset.
Note The device will only go to standby mode once the ERSERR flag
is cleared.
Selection Options:
0 = Last erase operation was successful
1 = Last erase operation was unsuccessful
Dependency: N/A
STR1N[4:2]
STR1V[4:2] LBPROT[2:0]
Legacy Block
Protection based
Memory Array size
selection
If PLPROT = 0
N -> R/W
V -> R/W
If PLPROT = 1
N -> R
V -> R
000
Description: The LBPROT[2:0] bits define the memory array size to
be protected against program and erase transactions. Based on the
LBPROT[2:0] configuration, either top 1/64, 1/4, 1/2, etc. or bottom
1/64, 1/4, 1/2, etc., or up to the entire array is protected.
Note If PLPROT bit - Permanent Locking selection of Legacy Block
Protection and 4KB Sector Architecture (CFR1x[4]) is set to a ‘1’, the
LBPROT[2:0] bits cannot be erased or programmed.
Selection Options:
000 = Protection is disabled
001 = 1/64th of the (top/bottom) array protection is enabled
010 = 1/32nd of the (top/bottom) array protection is enabled
…..
111 = All sectors are protected
Dependency: TBPROT (CFR1x[5])
Note
22. STR1x value during POR, Hardware Reset, Software Reset, DPD Exit, and CS# Signaling Reset is not valid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com