Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 99 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 99 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 95Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 96Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 97Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 98Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 99Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 100Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 101Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 102Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 103Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 138 page
background image
6.4
Octal (8S-8S-8S, 8D-8D-8D) transaction table
Table 78
Octal (8S-8S-8S, 8D-8D-8D) transaction table
Read
device ID
RDIDN_4_0
Read manufacturer and
device identification trans-
action provides read access
to manufacturer and device
identification.
-
9F
(CMD)
9F
(CMD)
00
(ADDR)
00
(ADDR)
00
(ADDR)
00
(ADDR)
--
-
-
-
-
-
-
Figure 27/
Figure 28
166/200
4
RSFDP_4_0
Read JEDEC Serial Flash
Discoverable Parameters
transaction sequentially
accesses the Serial Flash
Discovery Parameters (SFDP).
-
5A
(CMD)
5A
(CMD)
ADDR
[31:24]
ADDR
[23:16]
ADDR
[15:8]
ADDR
[7:0]
--
-
-
-
-
-
-
92 (SDR) /
85 (DDR)
RDUID_4_0
Read Unique ID accesses a
factory programmed 64-bit
number which is unique to
each device.
-
4C
(CMD)
4C
(CMD)
00
(ADDR)
00
(ADDR)
00
(ADDR)
00
(ADDR)
--
-
-
-
-
-
-
166 / 200
Register
access
RDSR1_4_0
Read Status Register 1 trans-
action allows the Status
Register 1 contents to be read
from DQ[7:0]
-
05
(CMD)
05
(CMD)
00
(ADDR)
00
(ADDR)
00
(ADDR)
00
(ADDR)
--
-
-
-
-
-
-
Figure 27/
Figure 29
RDSR2_4_0
Read Status Register-2
transaction allows the Status
Register-2 contents to be read
from DQ[7:0]
-
07
(CMD)
07
(CMD)
00
(ADDR)
00
(ADDR)
00
(ADDR)
00
(ADDR)
--
-
-
-
-
-
-
RDARG_4_0
Read Any Register trans-
action provides a way to read
all addressed nonvolatile and
volatile device registers.
-
65
(CMD)
65
(CMD)
ADDR
[31:24]
ADDR
[23:16]
ADDR
[15:8]
ADDR
[7:0]
--
-
-
-
-
-
-
Figure 27/
Figure 28
WRENB_0_0
Write Enable sets the Write
Enable Latch bit of the Status
Register 1 to 1 to enable write,
program and erase transac-
tions.
-
06
(CMD)
06
(CMD)
--
-
-
-
-
-
-
-
-
-
-
Figure 18/
Figure 19
N/A
WRDIS_0_0
Write Disable sets the Write
Enable Latch bit of the Status
Register 1 to 0 to disable
write, program and erase
transactions execution.
-
04
(CMD)
04
(CMD)
--
-
-
-
-
-
-
-
-
-
-
WRARG_4_1
Write Any Register trans-
action provides a way to write
all addressed nonvolatile and
volatile device registers.
WRENB_
0_0
71
(CMD)
71
(CMD)
ADDR
[31:24]
ADDR
[23:16]
ADDR
[15:8]
ADDR
[7:0]
Input
Data
[7:0]
--
-
-
-
-
-
Figure 24/
Figure 25
4
Note
32. In case of Octal DDR protocol.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com