Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 102 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 102 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 98Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 99Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 100Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 101Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 102Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 103Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 104Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 105Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 106Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 138 page
background image
Advanced
sector
protection
RDDYB_4_0
Read Dynamic Protection
Bit transaction reads the
contents of the DYB Access
Register.
-
E0
(CMD)
E0
(CMD)
ADDR
[31:24]
ADDR
[23:16]
ADDR
[15:8]
ADDR
[7:0]
--
-
-
-
-
-
-
Figure 27/
Figure 29
166 / 200
4
WRDYB_4_1
Write Dynamic Protection
Bit transaction writes to the
DYB Access Register
WRENB_
0_0
E1
(CMD)
E1
(CMD)
ADDR
[31:24]
ADDR
[23:16]
ADDR
[15:8]
ADDR
[7:0]
Input
Data
[7:0]
--
-
-
-
-
-
Figure 24/
Figure 26
RDPPB_4_0
Read Persistent Protection
Bit transaction reads the
contents of the PPB Access
Register
-
E2
(CMD)
E2
(CMD)
ADDR
[31:24]
ADDR
[23:16]
ADDR
[15:8]
ADDR
[7:0]
--
-
-
-
-
-
-
Figure 27/
Figure 29
PRPPB_4_0
Program Persistent
Protection Bit transaction
programs / writes the PPB
Register to enable the sector
protection.
WRENB_
0_0
E3
(CMD)
E3
(CMD)
ADDR
[31:24]
ADDR
[23:16]
ADDR
[15:8]
ADDR
[7:0]
--
-
-
-
-
-
-
Figure 20/
Figure 21
ERPPB_0_0
Erase Persistent Protection
Bit transaction sets all
persistent protection bits to
1.
WRENB_
0_0
E4
(CMD)
E4
(CMD)
--
-
-
-
-
-
-
-
-
-
-
Figure 18/
Figure 19
N/A
WRPLB_0_0
Write PPB Protection Lock
Bit transaction clears the PPB
Lock to 0
WRENB_
0_0
2C
(CMD)
2C
(CMD)
--
-
-
-
-
-
-
-
-
-
-
RDPLB_4_0
Read Password Protection
Mode Lock Bit transaction
shifts out the 8-bit PPB Lock
Register contents with MSb
first.
-
2D
(CMD)
2D
(CMD)
00
(ADDR)
00
(ADDR)
00
(ADDR)
00
(ADDR)
--
-
-
-
-
-
-
Figure 27/
Figure 29
4
PWDUL_4_1
Password Unlock
transaction sends the 64-bit
password to flash device. If
the supplied password does
not match the hidden
password in the Password
Register, the device is locked
and only a hardware reset or
POR will return the device to
standby state, ready for new
transactions such as a retry of
the PWDUL_0_1. If the
password does match, the
PPB Lock bit is set to 1.
-
E9
(CMD)
E9
(CMD)
00
(ADDR)
00
(ADDR)
00
(ADDR)
00
(ADDR)
Passw
ord
[7:0]
Passw
ord
[15:8]
Passw
ord
[23:16]
Passw
ord
[31:24]
Passw
ord
[39:32]
Passw
ord
[47:40]
Passwo
rd
[55:48]
Passwo
rd
[63:56]
Figure 24/
Figure 25
N/A
Table 78
Octal (8S-8S-8S, 8D-8D-8D) transaction table (Continued)
Note
32. In case of Octal DDR protocol.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com