Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 52 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 52 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 48Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 49Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 50Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 51Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 52Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 53Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 54Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 55Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 56Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 138 page
background image
Datasheet
52 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Features
4.6.1.2
Microcontroller initialization failure detection Related Registers and
Transactions
4.6.2
Configuration corruption detection
If during device’s configuration update, such as writing to a nonvolatile register, a power loss occurs or a
hardware reset is initiated, the write any register transaction will get interrupted. The device will return to
Standby mode, but the nonvolatile register data is most likely corrupted since the embedded write operation was
prematurely terminated. During the next power-up, the configuration corruption is detected and the device
reverts to its Default Boot mode (1S-1S-1S) and allows rewriting the configuration again. The device will maintain
the configured protection scheme.
Table 25 shows the device’s Status Register bits upon detecting a configuration corruption.
Table 24
Microcontroller initialization failure related registers and transactions
Related registers
Related SPI transactions
(see Table 75 on page 95)
Related octal transactions
(see Table 78 on page 99)
Status Register 1 Volatile (STR1V)
(see Table 41 on page 76)
Read Any Register (RDARG_C_0)
N/A
Read Status Register -1 (RDSR1_0_0)
Table 25
Status register 1 configuration corruption detection signature
Bit
Field name
Function
Detection
signature
STR1V[7]
RESRVD
Reserved for Future Use
0
STR1V[6]
PRGERR
Programming Error Status Flag
1
STR1V[5]
ERSERR
Erasing Error Status Flag
0
STR1V[4]
LBPROT[2:0]
Legacy Block Protection based memory Array size selection
Note LBPRIT[2:0] can be anything from 000 to 111 based on Block Protection configuration
0
STR1V[3]
0
STR1V[2]
0
STR1V[1]
WRPGEN
Write/Program Enable Status Flag
0
STR1V[0]
RDYBSY
Device Ready/Busy Status Flag
1
Table 26
Interface configuration upon detecting configuration corruption
Interface
Transactions
supported
Address
(# of bytes)
Frequency of
operation
Register read latency
(# of clock cycles)
Output impedance
SPI (1S-1S-1S)
All SPI (1S-1S-1S)
Transactions
4Maximum
2
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com