Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 65 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 65 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 61Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 62Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 63Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 64Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 65Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 66Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 67Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 68Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 69Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 138 page
background image
Datasheet
65 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Features
4.12.1.3
Data integrity check suspend
• Data Integrity Check Suspend is valid only during a Data Integrity Check Calculation operation.
• The Memory Array Data Integrity CRC Suspend Status Flag (DICRCS) in Status Register-2 (STR2V[4]) can be used
to determine if a data integrity check operation has been suspended or was completed at the time RDYBSY
changes to 0.
• A data integrity check operation can be suspended to allow a read operation.
The Write Any Register or Erase Persistent Protection Bit transactions are not allowed during Erase, Program or
Data Integrity Check Suspend. It is therefore, not possible to alter the Block Protection or PPB bits during Erase
Suspend. If there are sectors that may need programming during Erase suspend, these sectors should be
protected only by DYB bits that can be turned OFF during Erase Suspend.
The time required for the suspend operation to complete is tPEDS.
After an erase-suspended program operation is complete, the device returns to the erase-suspend mode. The
system can determine the status of the program operation by reading the RDYBSY bit in the Status Register 1, just
as in the standard program operation.
Table 35 lists the transactions allowed during the suspend operation.
Table 35
Transactions allowed during suspend
Transaction name
Allowed during erase
suspend
Allowed during program
suspend
Allowed during data
integrity check suspend
Write Disable (WRDIS_0_0)
Yes
No
No
Read Status Register 1 (RDSR1_0_0, RDSR1_4_0)
Yes
Yes
Write Enable (WRENB_0_0)
No
No
Read Status Register 2 (RDSR2_0_0, RDSR2_4_0)
Yes
Yes
Program Page (PRPGE_4_1)
No
No
Read ECC Status (RDECC_4_0)
Yes
Yes
Clear ECC Status Register (CLECC_0_0)
Yes
Read PPB Lock Bit (RDPLB_0_0, RDPLB_4_0)
Resume Program / Erase / Data Integrity Check (RSEPD_0_0)
Program SSR (PRSSR_4_1)
No
No
Read SSR (RDSSR_4_0)
Yes
Yes
Read Unique ID (RDUID_0_0, RDUID_4_0)
Read SFDP (RSFDP_3_0, RSFDP_4_0)
Read Interface CRC Register (RDCRC_4_0)
Read Any Register (RDARG_C_0, RDARG_4_0)
Software Reset Enable (SRSTE_0_0)
Clear Program and Erase Failure Flags (CLPEF_0_0)
Software Reset (SFRST_0_0)
Read Identification Register (RDIDIN_0_0, RDIDIN_4_0)
(manufacturer and device identification)
Suspend Program / Erase / Data Integrity Check (SPEPD_0_0)
No
No
Read DYB (RDDYB_4_0)
Yes
Yes
Read PPB (RDPPB_4_0)
Read Octal SDR (RDAY1_4_0)
Read Octal DDR (RDAY2_4_0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com