Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 28 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 28 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 24Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 25Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 26Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 27Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 28Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 29Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 30Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 31Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 32Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 138 page
background image
Datasheet
28 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Features
4Features
4.1
Error detection and correction
HL-T/HS-T family devices support error detection and correction by generating an embedded Hamming error
correction code during memory array programming. This ECC code is then used for error detection and
correction during read operations. The ECC is based on a 16-byte data unit. When the 16-byte data unit is loaded
into the Program Buffer and is transferred to the 128-bits flash memory array Line for programming (after an
erase), an 8-bit Error Correction Code (ECC) for each data unit is also programmed into a portion of the memory
array that is not visible to the host system software. This ECC information is then checked during each Flash array
read operation. Any 1-bit error within the data unit will be corrected by the ECC logic. The 16-byte data unit is the
smallest program granularity on which ECC is enabled.
When any amount of data is first programmed within a 16-byte data unit, the ECC value is set for the entire data
unit. If additional data is subsequently programmed into the same data unit, without an erase, then the ECC for
that data unit is disabled and the 1-bit ECC disable bit is set. A sector erase is needed to again enable ECC on that
data unit.
These are automatic operations transparent to the user. The transparency of the ECC feature enhances data
reliability for typical programming operations which write data once to each data unit while also facilitating
software compatibility with previous generations of products by still allowing for single-byte programming and
bit-walking (in this case, ECC will be disabled) in which the same data unit is programmed more than once.
Figure 36
16-Byte ECC data unit example
SEMPER™ NOR Flash supports 2-bit error detection as the default ECC configuration. In this configuration, any
1-bit error in a data unit is corrected and any 2-bit error is detected and reported. The 16-byte unit data requires
a 9-bit Error Correction Code for 2-bit error detection. When 2-bit error detection is enabled, byte-programming,
bit-walking, or multiple program operations to the same data unit (without an erase) are not allowed and will
result in a Program Error. Changing the ECC mode from 1-bit error detection to 2-bit error detection, or from 2-bit
error detection to 1-bit error detection will invalidate all data in the memory array. When changing the ECC mode,
the host must first erase all sectors in the device. If the ECC mode is changed without erasing programmed data,
subsequent read operations will result in undefined behavior.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com