Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 88 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 88 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 84Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 85Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 86Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 87Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 88Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 89Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 90Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 91Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 92Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 138 page
background image
Datasheet
88 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Registers
5.15
Advanced sector protection register (ASPO)
The ASP Register (ASPO) configures the behavior of Advanced Sector Protection scheme.
Table 61
Advanced sector protection register
Bit
number
Name
Function
Read/Write
N = Nonvolatile
V = Volatile
Factory default
(binary)
Description
ASPO[15:6]
RESRVD
Reserved for Future
Use
N -> R/1
1111111111
This bit is Reserved for future use. This bit must always be
written/loaded to its default state.
ASPO[5]
ASPRDP
Read Password Based
Protection Selection
N -> R/1
1
Description: The ASPRDP bit selects the Read Password Mode
Protection mode. Read Password Protection mode works in
conjunction with Password Protection mode to protect all
sectors from Read/Erase/Program. Based on TBPROT configu-
ration bit (CFR1x[5]), either the top or bottom sector is available
for reading.
Selection Options:
0 = Read Password Protection Mode is enabled
1 = Read Password Protection Mode is disabled
Dependency: TBPROT (CFR1x[5])
ASPO[4]
ASPDYB
Dynamic Protection
(DYB) for all sectors at
power-up Selection
N -> R/1
1
Description: The ASPDYB bit selects whether all DYB bits
(sectors) are in the protected state following power-up or
hardware reset. DYB bits will individually need to be reset to
change sector protections.
Selection Options:
0 = DYB based sector protection enabled at power-up or
hardware reset
1 = DYB based sector protection disabled at power-up or
hardware reset
Dependency: N/A
ASPO[3]
ASPPPB
PermanentProtection
(PPB) bits for all
sectors programma-
bility Selection
N -> R/1
1
Description: The ASPPPB bit selects whether all PPB bits are
one-time programmable making PPB sector protection
permanent.
Note ASPPPB disables PPB erase transaction (ERPPB_0_0).
Selection Options:
0 = PPB bits are one-time programmable
1 = PPB bits can be erased and programmed as desired
Dependency: N/A
ASPO[2]
ASPPWD
Password Based
Protection Selection
N -> R/1
1
Description: The ASPPWD bit selects the Password Protection
Mode. Password Protection mode protects all PPB bits till the
correct password is entered. The ASPPWD can also be used in
combination with the ASPRDP to protect all registers and all
memory from erase/program and to protect sectors from being
read as well till the correct password is provided - except for top
or bottom sector which is available for reading based on
TBPROT configuration bit (CFR1x[5]).
Note When ASPPWD is selected, ASPO[15:0], CFR1N[7:2] and
PWDO[63:0] are protected against Write operations.
Selection Options:
0 = Password Protection Mode is enabled
1 = Password Protection Mode is disabled
Dependency: N/A
ASPO[1]
ASPPER
Persistent Protection
Selection (Register
Protection Selection)
N -> R/1
1
Description: The ASPPER bit selects the Persistent Protection
Mode. The Persistent Protection mode (ASPPER) protects the
ASPO[15:0], CFR1x[6, 5, 4, 2] and CFR3x[3] registers from erase
or program.
Selection Options:
0 = Persistent Protection Mode is enabled
1 = Persistent Protection Mode is disabled
Dependency: N/A
ASPO[0]
ASPPRM
PermanentProtection
Selection
N -> R/1
1
Description: The ASPPRM bit selects the Permanent Protection
Mode. The Permanent Protection mode (ASPPRM) permanently
protects the PPB bits from erase or program. ASPPRM bit should
be programmed once all the PPB based sector protections are
finalized.
Note Permanent protection is independent of the PPBLOCK bit.
Selection Options:
0 = Permanent Protection Mode is enabled
1 = Permanent Protection Mode is disabled
Dependency: N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com