Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 79 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 79 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 75Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 76Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 77Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 78Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 79Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 80Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 81Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 82Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 83Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 138 page
background image
Datasheet
79 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Registers
5.4
Configuration register 1 (CFR1x)
Configuration Register 1 controls interface and data protection functions.
Table 45
Configuration register 1
Bit
number
Name
Function
Read/Write
N = Nonvolatile
V = Volatile
Factory
default
(binary)
Description
CFR1N[7]
CFR1V[7]
RESRVD Reserved for Future Use
N -> R/W
V -> R/W
0
This bit is Reserved for future use. This bit must always be
written/loaded to its default state.
CFR1N[6]
CFR1V[6]
SP4KBS
Split 4KB Sectors selection
between top and bottom
address space
If PLPROT = 0
N -> R/W
V -> R
If PLPROT = 1
N -> R
V -> R
0
Description: The SP4KBS bit selects whether the 4KB sectors are
grouped together or evenly split between High and LOW address
ranges.
Selection Options:
0 = 4KB Sectors are grouped together
1 = 4KB Sectors are split between High and Low Addresses
Dependency: TB4KBS(CFR1N[2])
CFR1N[5]
CFR1V[5]
TBPROT
Top or Bottom Protection
selection for Legacy
Protection Mode
If PLPROT = 0
N -> R/W
V -> R
If PLPROT = 1
N -> R
V -> R
0
Description: The TBPROT bit selects the reference point of the
Legacy Block Protection bits (LBPROT[2:0]) in the Status Register on
whether the protection starts from the top or starts from the bottom
of the address range.
The bit also selects a memory address range (lowest or highest) to
remain readable is available for reading during Read Password
Protection mode even before a successful Password entry is
completed.
Selection Options:
0 = Legacy Protection is applicable in the top half of the address
range
1 = Legacy Protection is applicable in the bottom half of the address
range
Dependency: LBPROT[2:0] (STR1x[3:1])
CFR1N[4]
CFR1V[4]
PLPROT
Permanent Locking
selection of Legacy Block
Protection and 4KB Sector
Architecture
N -> R/1
V -> R
0
Description: The PLPROT bit permanently protects the Legacy Block
Protection and 4KB Sector location. It thereby permanently protects
the memory array protection scheme and sector architecture.
Note PLPROT protects LBPROT[2:0], SP4KBS, TBPROT, and TB4KBS
bits from program and erase, and it is recommended to configure
these bits before configuring the PLPROT bit.
Selection Options:
0 = Legacy Block Protection and 4KB Sector Location are not
protected
1 = Legacy Block Protection and 4KB Sector Location are protected
Dependency: N/A
CFR1N[3]
CFR1V[3]
RESRVD Reserved for Future Use
N -> R/W
V -> R/W
0
This bit is Reserved for future use. This bit must always be
written/loaded to its default state.
CFR1N[2]
CFR1V[2]
TB4KBS
Top or Bottom Address
Range selection for 4KB
Sector Block
If PLPROT = 0
N -> R/W
V -> R
If PLPROT = 1
N -> R
V -> R
0
Description:
The TB4KBS bit defines the logical address location of the 4KB sector
block. The 4KB sector block replaces the fitting portion of the highest
or lowest address sector.
Selection Options:
0 = 4KB Sector Block is in the bottom of the memory address space
1 = 4KB Sector Block is in the top of the memory address space
Dependency: SP4KBS (CFR1x[6])
CFR1N[1]
CFR1V[1]
RESRVD Reserved for Future Use
N -> R/W
V -> R/W
0
This bit is Reserved for future use. This bit must always be
written/loaded to its default state.
CFR1N[0]
CFR1V[0]
TLPROT
Temporary Locking
selection of Legacy Block
Protection and Sector Archi-
tecture
N -> R
V -> R/W
0
Description:
The TLPROT bit temporarily protects the Legacy Block Protection
and 4KB Sector location. Upon power-up or a hardware reset,
TLPROT is set to its default state. When selected, it protects the
memory array protection scheme and sector architecture from any
changes.
Note TLPROT protects LBPROT[2:0], SP4KBS, TBPROT, and TB4KBS
bits from program and erase.
Selection Options:
0 = Legacy Block Protection and 4KB Sector Location are not
protected
1 = Legacy Block Protection and 4KB Sector Location are temporarily
protected
Dependency: N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com