Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 57 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 57 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 53Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 54Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 55Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 56Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 57Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 58Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 59Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 60Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 61Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 138 page
background image
Datasheet
57 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Features
4.8.3.2
Read status registers transaction
The Read Status Register (RDSR1_0_0/RDSR1_4_0, RDSR2_0_0/RDSR2_4_0) transactions allow the registers’
volatile contents be read. The SPI mode has no address cycles whereas the Octal mode has four dummy address
of “00h”. The transaction uses latency cycles set by (CFR3V[7:6]) for reading volatile registers to enable maximum
clock frequency of 166MHz under SPI mode, 166MHz under HL-T Octal mode, and 200MHz under HS-T Octal mode
(see Table 49). The Octal mode supports the DS for capture of data (see Transaction table on page 95).
The volatile version of Status Registers contents can be read at any time, even while a program, erase, or write
operation is in progress.
It is possible to read Status Register 1 continuously by providing multiples of eight clock cycles. The status is
updated for each eight cycle read. This is limited to only under SPI mode.
4.8.3.3
Read dynamic protection bit (DYB) access register transaction
The Read DYB Access Register (RDDYB_4_0) transaction reads the contents of the DYB Access Register. The trans-
action uses latency cycles set by (CFR3V[7:6]) for reading volatile registers to enable maximum clock frequency
of 166MHz under SPI mode, 166MHz under HL-T Octal mode, and 200MHz under HS-T Octal mode (see Table 49).
The Octal mode supports the DS for capture of data (see Transaction table on page 95). It is possible to read DYB
Access register continuously, however the address of the DYB register does not increment, so the entire DYB array
cannot be read in this fashion. Each location must be read with a separate Read DYB transaction.
4.8.3.4
Read persistent protection bit (PPB) access register transaction
The Read PPB Access Register (RDPBB_4_0) transaction reads the contents of the PPB Access Register. The trans-
action uses latency cycles set by (CFR2V[3:0]) to enable maximum clock frequency of 166MHz under SPI mode,
166MHz under HL-T Octal mode, and 200MHz under HS-T Octal mode (see Table 49). The Octal mode supports
the DS for capture of data (see Transaction table on page 95). It is possible to read PPB Access Register contin-
uously, however the address of the PPB register does not increment, so the entire PPB array cannot be read in
this fashion. Each location must be read with a separate Read PPB transaction.
4.8.3.5
Read PPB lock registers transaction
The Read PPB Lock Register (RDPLB_0_0, RDPLB_4_0) transactions allow the content of the nonvolatile registers
to be read. The SPI mode has no address cycles, whereas the Octal mode has four required address bytes of “00h”.
The transaction uses latency cycles set by (CFR3V[7:6]) for reading volatile registers to enable maximum clock
frequency of 166MHz under SPI mode, 166MHz under HL-T Octal mode, and 200MHz under HS-T Octal mode. The
Octal mode supports the DS for capture of data (see Transaction table on page 95). It is possible to read PPB
Lock Bit continuously.
4.8.3.6
Read ECC data unit status
The Read ECC Data Unit Status (RDECC_4_0) transaction is used to determine the ECC status of the addressed
unit data. In this transaction, the LSb of the address must be aligned to an ECC data unit. This transaction uses
latency cycles set by (CFR3V[7:6]) for reading volatile registers to enable maximum clock frequency of 166MHz
under SPI mode, 166MHz under HL-T Octal mode, and 200MHz under HS-T Octal mode. The Octal mode supports
the DS for capture of data (see Transaction table on page 95).
The byte contents of the ECC Status for the selected ECC unit is then output. Any following data will be indeter-
minate. To read the next ECC unit status, another RDECC_4_0 transaction should be sent out to the next address,
incremented by 16 [Data Unit size/8] bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com