Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 42 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 42 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 38Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 39Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 40Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 41Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 42Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 43Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 44Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 45Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 46Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 138 page
background image
Datasheet
42 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Features
4.5.1.2
Configuration protection
LBP has selection bits in Configuration Register 1 (CFR1N[4,0]/CFR1V[4,0] - PLPROT, TLPROT), which either
permanently or temporarily protect Status and Configuration registers, thereby again protecting the device's
configuration. The temporary protection remains in effect until the next power down or hardware reset or CS#
signaling reset.
4.5.1.3
Legacy block protection flowchart
The LBP protection scheme flowchart is shown in Figure 43.
Figure 43
Legacy block protection flowchart
Table 17
Legacy block memory array protection selection
CFR1N[5]/CFR1
V[5]
TBPROT
STR1N[4]/STR1
V[4]
LBPROT[2]
STR1N[3]/STR1
V[3]
LBPROT[1]
STR1N[2]/STR1
V[2]
LBPROT[0]
Memory array
block size
256Mb (KBs)
512Mb (KBs)
1Mb (KBs)
0
000
None
0
0
0
0001
Upper 64th
512
1024
2048
0010
Upper 32nd
1024
2048
4096
0011
Upper 16th
2048
4096
8192
0100
Upper 8th
4096
8192
16384
0101
Upper 4th
8192
16384
32768
0110
Upper Half
16384
32768
65536
0111
All sectors
32768
65536
131072
1
000
None
0
0
0
1001
Lower 64th
512
1024
2048
1010
Lower 32nd
1024
2048
4096
1011
Lower 16th
2048
4096
8192
1100
Lower 8th
4096
8192
16384
1101
Lower 4th
8192
16384
32768
1110
Lower Half
16384
32768
65536
1111
All sectors
32768
65536
131072
Table 18
Option 2 - Legacy block configuration protection selection[16]
CFR1N[4]/
CFR1V[4]
PLPROT
CFR1N[0]/
CFR1V[0]
TLPROT
Register protection status
0
0
Status and Configuration registers are unprotected
1
X
Status and Configuration registers are permanently protected (TBPROT, LBPROT[2:0], SP4KBS, TB4KBS)
0
1
Status and Configuration registers are Protected till next Power down (TBPROT, LBPROT[2:0], SP4KBS, TB4KBS)
Note
16. Protecting the configuration also protects the memory array blocks which have been selected for protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com