Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 5Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 6Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 7Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 8Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 9Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 10Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 11Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 12Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 138 page
background image
Datasheet
9 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Interface overview
The SEMPER™ Flash with Octal Interface family consists of multiple densities with, 1.8V and 3.0V core and I/O
voltage options.
The device control logic is subdivided into two parallel operating sections: the Host Interface Controller (HIC) and
the Embedded Algorithm Controller (EAC). The HIC monitors signal levels on the device inputs and drives outputs
as needed to complete read, program, and write data transfers with the host system. The HIC delivers data from
the currently entered address map on read transfers; places write transfer address and data information into the
EAC command memory, and notifies the EAC of power transition, and write transfers. The EAC interrogates the
command memory, after a program or write transfer, for legal command sequences and performs the related
Embedded Algorithms.
Changing the nonvolatile data in the memory array requires a sequence of operations that are part of embedded
algorithms (EA). The algorithms are managed entirely by the internal EAC. The main algorithms perform
programming and erase of the main flash array data. The host system writes command codes to the flash device.
The EAC receives the command, performs all the necessary steps to complete the transaction, and provides
status information during the progress of an EA.
In addition to the mandatory SPI signals CK, CS#, SI/DQ0, SO/DQ1, and DQ[7:2], the SEMPER™ Flash with Octal
Interface device also includes RESET#, DS and INT# signals. The RESET# transition from LOW to HIGH returns the
device to the default state that occurs after an internal power-on reset (POR). The Data Strobe (DS) is synchro-
nized with the output data during read transactions enabling host system to capture data at high clock frequency
operation. The INT# is an open-drain output that can provide an interrupt to the device master to indicate when
the device transitions from busy to ready at the end of a program or erase operation or to indicate the detection
of an error (ECC) during read.
Infineon® Endurance Flex architecture provides system designers the ability to customize the NOR Flash
endurance and retention for their specific application. The host defines partitions for high endurance or long
retention, providing up to 1+ million cycles or 25 years of data retention.
The SEMPERFlash with Octal interface device supports error detection and correction by generating an
embedded Hamming error correction code during memory array programming. This ECC code is then used for
single-bit and double-bit error detection and single-bit correction during read.
The SEMPER™ Flash with Octal Interface device has built-in diagnostic features providing the host system with
the device status.
• Program and Erase Operation: Reporting of program or erase success, failure and suspend status
• error detection and correction: 1-bit and/or 2-bit error status with address trapping and error count
• Data Integrity Check: Error detection over memory array contents
• Interface CRC: Error detection over device interface
• SafeBoot: Reporting of proper flash device initialization and configuration corruption recovery
• Sector Erase Status: Reporting of erase success or failure status per sector
• Sector Erase Counter: Counts the number of erase cycles per sector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com