Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 4Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 5Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 6Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 7Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 8Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 9Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 10Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 11Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 138 page
background image
Datasheet
8 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Interface overview
2
Interface overview
2.1
General description
The CYPRESS™ SEMPER™ Flash Octal family of products are high-speed CMOS, MIRRORBIT™NOR Flash devices
that are compliant with the JEDEC JESD251 eXpanded SPI (xSPI) specification. SEMPER™ is designed for
Functional Safety with development according to ISO 26262 standard to achieve ASIL-B compliance and ASIL-D
readiness.
SEMPER™ Flash with Octal Interface devices support both the Octal Peripheral Interface (OPI) as well as Legacy
x1 Serial Peripheral Interface (SPI). Both interfaces serially transfer transactions reducing the number of interface
connection signals. SPI supports SDR whereas OPI supports both SDR and DDR.
Read operations from the device are burst oriented. Read transactions can be configured to use either a wrapped
or linear burst. Wrapped bursts read from a single page whereas linear bursts can read the whole memory array.
The erased state of each memory bit is a logic 1. Programming changes a logic 1 (HIGH) to a logic 0 (LOW). Only
an erase operation can change a memory bit from a 0 to a 1. An erase operation must be performed on a complete
sector (4KBs or 256KBs).
SEMPER™ Flash provides a flexible sector architecture. The address space can be configured as either a uniform
256KB sector array, or a hybrid configuration 1 where thirty-two 4KB sectors are either grouped at the top or at
the bottom while the remaining sectors are all 256KB, or a hybrid configuration 2 where the thirty-two 4KB
sectors are equally split between the top and the bottom while the remaining sectors are all 256KB.
The Page Programming Buffer used during a single programming operation is configurable to either 256 bytes or
512 bytes. The 512 byte option provides the highest programming throughput.
Figure 2
Logic block diagram
Input/
Output
Drivers
Interface
CRC
Embedded
Microcontroller
Control Logic
(HIC/EAC)
Program Buffer
Read Buffer
ECC
(SECDED)
Data Integrity
Check
DS Generation
Clock
Reset Control
EnduraFlex
MirrorBit
Memory Array
Registers
Secure Silicon Region
SFDP and IDs
Address Register
CS#
CK
SI / DQ0
RESET#
DQ2
SO / DQ1
DQ4
DQ3
DQ6
DQ5
DS
DQ7
INT#
Power Management



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com