Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 71 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 71 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 67Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 68Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 69Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 70Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 71Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 72Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 73Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 74Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 75Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 138 page
background image
Datasheet
71 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Features
4.14
Power modes
4.14.1
Active power and standby power modes
The device is enabled and in the Active Power mode when Chip Select (CS#) is LOW. When CS# is HIGH, the device
is disabled, but may still be in an Active Power mode until all program, erase, and write operations have
completed. The device then goes into the Standby Power mode, and power consumption drops to ISB. See
Table 83 for parameter specifications.
4.14.2
Deep power down (DPD) mode
Although the standby current during normal operation is relatively low, standby current can be further reduced
with the DPD mode. The lower power consumption makes the DPD mode especially useful for battery powered
applications.
4.14.2.1
Enter DPD
The device can enter DPD mode in two ways:
1. Enter DPD Mode using Transaction
2. Enter DPD Mode upon Power-up or Reset
Enter DPD Mode using the Enter Deep Power Down Mode Transaction
The DPD mode is enabled by sending the Enter Deep Power Down Mode Transaction (ENDPD_0_0) then waiting
for a delay of tENTDPD. The CS# pin must be driven HIGH after the command byte has been latched. If this is not
done, then the DPD transaction will not be executed. After CS# is driven HIGH, the power-down state will be
entered within the time duration of tENTDPD (see Table 85 for timing specifications) and power consumption
drops to IDPD. See Table 83 for parameter specifications.
DPD can only be entered from an idle state. The DPD transaction is accepted only while the device is not
performing an embedded algorithm as indicated by the Status Register 1 volatile, Device Ready/Busy Status Flag
(RDYBSY) bit being cleared to zero (STR1V[0] = RDYBSY = 0). It is not allowed to send any transaction to device
during tENTDPD time.
Enter DPD Mode upon Power-up or Reset
If the DPDPOR configuration bit is enabled (CFR4NV[2] = 1), the device will be in DPD mode after the completion
of Power-up, Hardware Reset or CS# Signaling Reset. During POR or Reset the CS# should follow the voltage
applied on VCC to enter DPD mode as shown in Figure 61. It is not allowed to send any transaction to device
during tENTDPD time.
Figure 61
Enter DPD mode upon power-up or reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com