Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 75 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 75 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 71Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 72Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 73Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 74Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 75Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 76Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 77Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 78Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 79Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 138 page
background image
Datasheet
75 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Registers
5Registers
Registers are small groups of storage cells used to configure as well as report the status of the device operations.
HL-T/HS-T family of devices use separate nonvolatile and volatile storage groups to implement the different
register bit types for legacy compatibility as well as new functionality. Each register is organized as a group of
volatile bits with associated nonvolatile bits (if permanence is required). During power-up, hardware reset or
software reset, the data in the nonvolatile bits of the register is transferred to the volatile bits to provide the
default state of the volatile bits. When writing new data to nonvolatile bits of the register, the volatile bits are also
updated with the new data. However, when writing new data to the volatile register bits the nonvolatile bits
retain the old data. The register structure is shown in Figure 66.
Figure 66
Register structure
Figure 67
Data movement within register components
(example)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com