Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 94 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 94 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 90Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 91Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 92Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 93Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 94Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 95Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 96Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 97Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 98Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 138 page
background image
Datasheet
94 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Registers
Table 73
Infineon® Endurance Flex architecture selection register (pointer 1)
Bit
number
Name
Function
Read/Write
N = Nonvolatile
V = Volatile
Factory default
(binary)
Description
EFX1O[10:2] EPTAD1[8:0]
Endurance Flex
Pointer 1 Address
Selection
N -> R/1
111111111
Description: The EPTAD1[8:0] bits define the 9-bit address of
the beginning sector from where the long retention / high
endurance region is defined.
Selection Options: Pointer Address
Dependency: N/A
EFX1O[1]
ERGNT1
Endurance Flex
Pointer 1 based
Region Type Selection
N -> R/1
1
Description: The ERGNT1 bit defines whether the region is
long retention or high endurance.
Selection Options:
0 = Long Retention Sectors
1 = High Endurance Sectors
Dependency: N/A
EFX1O[0]
EPTEB1
Endurance Flex
Pointer 1 Enable#
Selection
N -> R/1
1
Description: The EPTEN1 bit define whether the wear leveling
pointer is enabled/disabled.
Selection Options:
0 = Pointer Address Enabled
1 = Pointer Address Disabled
Dependency: N/A
Table 74
Infineon® Endurance Flex architecture selection register (pointer 0)
Bit
number
Name
Function
Read/Write
N = Nonvolatile
V = Volatile
Factory default
(binary)
Description
EFX0O[1]
GBLSEL
All Sectors based
Region type Selection
N -> R/1
1
Description: TheMbLSEL bit defines whether all sectors are
defined as long retention region or high endurance region.
Note If all other pointer registers are disabled, this bit defines
the behavior of the entire memory space and is hardwired to
start at Sector 0.
Selection Options:
0 = Long Retention Sectors
1 = High Endurance Sectors
Dependency: N/A
EFX0O[0]
WRLVEN
Wear Leveling Enable
Selection
N -> R/1
1
Description: The WRLVEN bit enables/disables the wear
leveling feature.
Selection Options:
0 = Wear Leveling Disabled
1 = Wear Leveling Enabled
Dependency: N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com