Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 32 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 32 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 28Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 29Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 30Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 31Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 32Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 33Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 34Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 35Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 36Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 138 page
background image
Datasheet
32 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Features
4.2
Infineon® Endurance Flex architecture (wear leveling)
Infineon® Endurance Flex architecture allows partitioning of the main memory array into regions which can be
configured as either high endurance or long retention. Endurance Flex implements wear leveling in high
endurance regions where program/erase cycles are spread evenly across all the sectors which are part of the wear
leveling pool. This greatly improves the reliability of the device by avoiding premature wear-out of an individual
sector.
Architecturally, Endurance Flex's wear leveling algorithm is based on a mapping of logical sectors to physical
sectors. During the lifetime of the part, this mapping is changed to maintain a uniform distribution of
program/erase cycles over all physical sectors. The logical to physical mapping information is stored in a
dedicated flash array which is updated when sectors are swapped. Sector swaps occur when an erase transaction
is given.
Endurance Flex’s high endurance region requires a minimum set of 20 sectors. To provide flexibility between
configuring long retention, high endurance, or both regions, a four pointer architecture is provided. The factory
default setting designates all sectors as high endurance as part of the wear leveling pool with all pointers
disabled. The four pointers can be used to form a maximum of five regions which can each be configured as long
retention or high endurance.
Figure 37 provides an overview of the Infineon® Endurance Flex architecture. It shows the five possible regions
based on different sector architecture.
Note 4KB sectors are not part of the Infineon® Endurance Flex architecture.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com