Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 43 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 43 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 39Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 40Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 41Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 42Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 43Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 44Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 45Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 46Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 47Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 138 page
background image
Datasheet
43 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Features
4.5.1.4
LBP related registers and transactions
4.5.2
Advanced sector protection (ASP)
The advanced sector protection scheme allows each memory array sector to be independently controlled for
protection against erasing or programming, either by volatile or nonvolatile locking features. The nonvolatile
locking configuration can also be locked, as well as password-protected.
The main memory array sectors are protected against erase and program by volatile (DYB) and nonvolatile (PPB)
protection bit pairs. Each DYB/PPB bit pair can be individually set to '0' protecting the related sector or cleared
to '1' unprotecting the related sector. DYB protection bits can be set and cleared as often as needed whereas PPB
bits being nonvolatile must adhere to their respective technology based endurance requirements. Figure 44
shows an overview of ASP.
Figure 44
Advanced sector protection (Nonvolatile)
Figure 45
DYB and PPB protection control
Table 19
LBP related registers and transactions
Related registers
Related SPI transactions
(see Table 75 on page 95)
Related octal transactions
(see Table 78 on page 99)
Status Register 1 (STR1N, STR1V)
(see Table 41 on page 76)
Read Any Register (RDARG_C_0)
Read Any Register (RDARG_4_0)
Configuration Register 1 (CFR1N, CFR1V)
(see Table 45 on page 79)
Write Any Register (WRARG_C_1)
Write Any Register (WRARG_4_1)
Read Status Register 1 (RDSR1_0_0)
Read Status Register 1 (RDSR1_4_0)
Write Enable (WRENB_0_0)
Write Enable (WRENB_0_0)
Register Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com