Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 68 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 68 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 64Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 65Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 66Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 67Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 68Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 69Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 70Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 71Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 72Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 138 page
background image
Datasheet
68 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Features
4.13.2
Power-on reset (POR)
The device executes a POR process until a time delay of tPU has elapsed after the moment that VCC rises above
the minimum VCC threshold (see Figure 58 and Figure 59). The device must not be selected during power-up
(tPU). Therefore,CS#mustrisewithVCC. No commandsmaybesentto the deviceuntiltheendoftPU.SeeTable 85
for timing specifications.
RESET# is ignored during POR. If RESET# is LOW during POR and remains LOW through and beyond the end of
tPU, CS# must remain HIGH until tRS after RESET# returns HIGH.
Figure 58
Reset LOW at the end of POR
Figure 59
Reset HIGH at the end of POR
4.13.3
CS# signaling reset
The CS# Signaling Reset requires CS# and DQ0 signals. This reset method defines a signaling protocol, using
existing signals, to initiate an SPI Flash hardware reset, independent of the device operating mode or number of
package pins.
The Signaling Protocol is shown in Figure 60. See Table 85 for timing specifications. The CS# signaling reset
steps are as follows:
• CS# is driven active LOW.
• CK remains stable in either HIGH or LOW state.
• CS# and DQ0 are both driven LOW.
• CS# is driven HIGH (inactive).
• Repeat the above four steps, each time alternating the state of DQ0 for a total of four times.
• Reset occurs after the fourth CS# cycle completes and it goes HIGH (inactive).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com