Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 100 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 100 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 96Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 97Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 98Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 99Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 100Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 101Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 102Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 103Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 104Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 138 page
background image
Register
access
CLPEF_0_0
Clear Program and Erase
Failure Flags transaction
resets STR1V[5] (Erase failure
flag) and STR1V[6] (Program
failure flag)
-
82
(CMD)
82
(CMD)
--
-
-
-
-
-
-
-
-
-
-
Figure 18/
Figure 19
166 / 200
N/A
ECC
RDECC_4_0
Read ECC Status is used to
determine the ECC status of
the addressed data unit.
-
19
(CMD)
19
(CMD)
ADDR
[31:24]
ADDR
[23:16]
ADDR
[15:8]
ADDR
[7:0]
--
-
-
-
-
-
-
Figure 27/
Figure 29
4
CLECC_0_0
Clear ECC Status Register
transaction resets ECC Status
Register bit[4] (2-bit ECC
Detection), ECC Status
Register bit[3] (1-bit ECC
Correction), Address Trap
Register and ECC Detection
Counter.
-
1B
(CMD)
1B
(CMD)
--
-
-
-
-
-
-
-
-
-
-
Figure 18/
Figure 19
N/A
CRC
RDCRC_4_0
Read Interface CRC Register
transaction allows the
volatile Interface CRC
Register contents to be read
-
64
(CMD)
64
(CMD)
00
(ADDR)
00
(ADDR)
00
(ADDR)
00
(ADDR)
--
-
-
-
-
-
-
Figure 27/
Figure 28
4
DICHK_4_1
Data Integrity Check trans-
action causes the device to
perform a Data Integrity
Check over a user defined
address range.
-
5B
(CMD)
5B
(CMD)
00
(ADDR)
00
(ADDR)
00
(ADDR)
00
(ADDR)
Start
ADDR
[31:24]
Start
ADDR
[23:16]
Start
ADDR
[15:8]
Start
ADDR
[7:0]
End
ADDR
[31:24]
End
ADDR
[23:16]
End
ADDR
[15:8]
End
ADDR
[7:0]
Figure 22/
Figure 23
Read flash
array
RDAY1_4_0
Read Octal SDR transaction
reads out the memory
contents at the given address
on DQ[7:0]. The maximum CK
frequency for this SDR trans-
action is 200-MHz frequency
-
EC
(CMD)
EC
(CMD)
ADDR
[31:24]
ADDR
[23:16]
ADDR
[15:8]
ADDR
[7:0]
--
-
-
-
-
-
-
Figure 27
RDAY2_4_0
Read Octal DDR transaction
reads out the memory
contents at the given address
on DQ[7:0]. The maximum CK
frequency for this DDR trans-
action is 200-MHz frequency
-
EE
(CMD)
EE
(CMD)
ADDR
[31:24]
ADDR
[23:16]
ADDR
[15:8]
ADDR
[7:0]
--
-
-
-
-
-
-
Figure 28
Program
flash array
PRPGE_4_1
Program Page programs
256B or 512B data to the
memory array in one trans-
action.
WRENB_
0_0
12
(CMD)
12
(CMD)
ADDR
[31:24]
ADDR
[23:16]
ADDR
[15:8]
ADDR
[7:0]
Input
Data 1
[7:0]
Input
Data 2
[7:0]
(Conti
nue)
--
-
-
-
Figure 24/
Figure 25
Table 78
Octal (8S-8S-8S, 8D-8D-8D) transaction table (Continued)
Note
32. In case of Octal DDR protocol.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com