Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 96 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 96 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 92Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 93Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 94Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 95Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 96Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 97Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 98Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 99Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 100Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 138 page
background image
Read flash
array
RDAY1_C_0
Read transaction reads out the memory
contents at the given address. The
maximum CK frequency for this transaction
is 50MHz frequency.
-
03
(CMD)
ADDR
[23:16]
ADDR
[15:8]
ADDR
[7:0]
---
-
-
Figure 13
50
3
-
ADDR
[31:24]
ADDR
[23:16]
ADDR
[15:8]
ADDR
[7:0]
--
-
-
4
RDAY1_4_0
-
13
(CMD)
ADDR
[31:24]
ADDR
[23:16]
ADDR
[15:8]
ADDR
[7:0]
--
-
-
RDAY2_C_0
Read Fast transaction reads out the
memory contents at the given address. The
maximum CK frequency for this transaction
is 166MHz frequency.
-
0B
(CMD)
ADDR
[23:16]
ADDR
[15:8]
ADDR
[7:0]
---
-
-
Figure 12
166
3
-
ADDR
[31:24]
ADDR
[23:16]
ADDR
[15:8]
ADDR
[7:0]
--
-
-
4
Program
flash array
PRPGE_4_1
Program Page programs 256B or 512B data
to the memory array in one transaction.
WRENB_0_0
12
(CMD)
ADDR
[31:24]
ADDR
[23:16]
ADDR
[15:8]
ADDR
[7:0]
Input
Data 1
[7:0]
Input
Data 2
[7:0]
(Continu
e)
-
Figure 9
Erase flash
array
ER004_4_0
Erase 4-KB Sector transaction sets all the
bits of a 4KB sector to 1 (all bytes are FFh).
WRENB_0_0
21
(CMD)
ADDR
[31:24]
ADDR
[23:16]
ADDR
[15:8]
ADDR
[7:0]
--
-
-
Figure 7
ER256_4_0
Erase 256-KB Sector transaction sets all the
bits of a 256KB sector to 1 (all bytes are FFh).
WRENB_0_0
DC
(CMD)
ADDR
[31:24]
ADDR
[23:16]
ADDR
[15:8]
ADDR
[7:0]
--
-
-
ERCHP_0_0
Erase Chip transaction sets all bits to 1 (all
bytes are FFh) inside the entire flash
memory array.
WRENB_0_0
60orC7
(CMD)
--
-
-
-
-
-
-
Figure 6
N/A
EVERS_4_0
Evaluate Erase Status transaction verifies
that the last erase operation on the
addressed sector was completed success-
fully.
-
D0
(CMD)
ADDR
[31:24]
ADDR
[23:16]
ADDR
[15:8]
ADDR
[7:0]
--
-
-
Figure 7
4
SEERC_4_0
Sector Erase Count transaction outputs the
number of erase cycles for the sector of the
inputed address from the Sector Erase
Count Register.
-
5D
(CMD)
ADDR
[31:24]
ADDR
[23:16]
ADDR
[15:8]
ADDR
[7:0]
--
-
-
Figure 12
Suspend /
resume
SPEPD_0_0
Suspend Erase / Program / Data Integrity
Check transaction allows the system to
interrupt a programming, erase or data
integrity check operation.
-
B0
(CMD)
--
-
-
-
-
-
-
Figure 6
N/A
RSEPD_0_0
Resume Erase / Program / Data Integrity
Check transaction allows the system to
resume a programming, erase or data
integrity check operation.
-
7A
(CMD)
--
-
-
-
-
-
-
Secure
silicon
region
PRSSR_4_1
Program Secure Silicon Region trans-
action programs data in 1024 bytes of
Secure Silicon Region.
WRENB_0_0
42
(CMD)
ADDR
[31:24]
ADDR
[23:16]
ADDR
[15:8]
ADDR
[7:0]
Input
Data 1
[7:0]
Input
Data 2
[7:0]
(Continu
e)
-
Figure 9
4
RDSSR_4_0
Read Secure Silicon Region transaction
reads data from the SSR.
-
4B
(CMD)
ADDR
[31:24]
ADDR
[23:16]
ADDR
[15:8]
ADDR
[7:0]
--
-
-
Figure 12
Table 75
SPI (1S-1S-1S) transaction table (Continued)
Function
Transaction
name
Description
Prerequisite
transaction
Byte 1
(Hex)
Byte 2
(Hex)
Byte 3
(Hex)
Byte 4
(Hex)
Byte 5
(Hex)
Byte 6
(Hex)
Byte 7
(Hex)
Byte 8
(Hex)
Byte 9
(Hex)
Transaction
format
Max
frequency
(MHz)
Address
length



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com