Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 89 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 89 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 85Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 86Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 87Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 88Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 89Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 90Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 91Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 92Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 93Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 138 page
background image
Datasheet
89 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Registers
5.16
ASP password register (PWDO)
The ASP Password Register (PWDO) is used to permanently define a password.
5.17
ASP PPB lock register (PPLV)
The PPBLCK bit in the ASP PPB Lock Register (PPLV) is used to protect the PPB bits.
5.18
ASP PPB access register (PPAV)
The ASP PPB Access Register (PPAV) is used to provide the state of each sector's PPB protection bit.
Table 62
Password register
Bit
number
Name
Function
Read/Write
N = Nonvolatile
V = Volatile
Factory default
(binary)
Description
PWDO[63:0] PASWRD[63:0] Password Register
N -> R/1
0xFFFFFFFFFFFF
FFFF
Description: The PASWRD[63:0] permanently stores a
password used in password protected modes of operation.
When the Password Protection Mode is enabled, this register
will output the undefined data upon read password request.
Selection Options: Password
Dependency: N/A
Table 63
ASP PPB lock register
Bit
number
Name
Function
Read/Write
N = Nonvolatile
V = Volatile
Factory default
(binary)
Description
PPLV[7:1]
RESVRD
Reserved for
Future Use
V -> R
0000000
This bit is Reserved for future use. This bit must always be
written/loaded to its default state.
PPLV[0]
PPBLCK
PPB Temporary
Protection
Selection
V -> R/W
1, ASPO[2:1]
Description: The PPBLCK bit is used to temporarily protect all
the PPB bits.
Selection Options:
1 = PPB Bits can be erased or programmed
0 = PPB bits are protected against erase or program till the next
POR or hardware reset
Dependency: N/A
Table 64
ASP PPB access register
Bit
number
Name
Function
Read/Write
N = Nonvolatile
V = Volatile
Factory default
(binary)
Description
PPAV[7:0]
PPBACS[7:0]
Sector Based PPB
Protection Status
N -> R/W
11111111
Description: The PPBACS[7:0] bits are used to provide the state
of the individual sector's PPB bit.
Selection Options:
FF = PPB for the sector addressed by the Read PPB transaction
(RDPPB_4_0) is 1, not protecting that sector from program or
erase operations
00 = PPB for the sector addressed by the Read PPB transaction
(RDPPB_4_0) is 0, protecting that sector from program or erase
operations
Dependency: N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com