Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 35 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 35 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 31Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 32Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 33Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 34Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 35Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 36Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 37Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 38Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 39Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 138 page
background image
Datasheet
35 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Features
4.2.1
Configuration 1: Maximum endurance - single high endurance region
Maximum endurance is achieved when all 256KB sectors are designated as high endurance. All sectors must be
designated as high endurance using the Infineon® Endurance Flex pointer architecture. Maximum endurance
pointer configuration is shown in Table 12.
4.2.2
Configuration 2: Two region selection - one long retention region and
one high endurance region
Sectors for long retention or high endurance must be delineated using the Infineon® Endurance Flex pointer
architecture. Region 0 is defined as long retention and consists of 16 sectors. Region 1 is defined as high
endurance and has 240 sectors. The pointer setup for two region configuration is shown in Table 13. The number
of pointers defined is based on the number of regions configured.
4.2.3
Endurance Flex related registers and transaction
Table 12
Endurance Flex pointer values for maximum endurance configuration[15]
Pointer #
Pointer address
EPTADn[8:0]
Region type
ERGNTn
Pointer enable#
EPTEBn
Global region selec-
tion
GBLSEL
Wear leveling enable
WRLVEN
0
N/A
N/A
N/A
1’b1
1’b1
1
9'b111111111
1’b1
1’b1
N/A
N/A
2
9'b111111111
3
9'b111111111
4
9'b111111111
Note
15. This is also the default configuration of the device.
Table 13
Endurance Flex pointer values for two region configuration
Pointer #
Pointer address
EPTADn[8:0]
Region type
ERGNTn
Pointer enable#
EPTEBn
Global region selec-
tion
GBLSEL
Wear leveling enable
WRLVEN
0
N/A
N/A
N/A
1’b0
1’b1
1
9’b000010000
1’b1
1'b0
N/A
N/A
2
9’b111111111
1’b1
1'b1
3
4
Table 14
Endurance Flex related registers and transactions
Related registers
Related SPI transactions
(see Table 75 on page 95)
Related octal transactions
(see Table 78 on page 99)
Infineon® Endurance Flex architecture Selection
Registers
(EFX4O,EFX3O,EFX2O,EFX1O,EFX0O)
(see Infineon® Endurance Flex architecture
selection register (EFXx) on page 92)
Read Any Register (RDARG_C_0)
Read Any Register (RDARG_4_0)
Write Any Register (WRARG_C_1)
Write Any Register (WRARG_4_1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com