Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 55 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 55 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 51Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 52Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 53Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 54Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 55Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 56Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 57Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 58Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 59Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 138 page
background image
Datasheet
55 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Features
4.8.1
Read identification transactions
There are three unique identification transactions, and each support all three Protocols (1S-1S-1S), (8S-8S-8S),
and (8D-8D-8D) (see Transaction table on page 95).
4.8.1.1
Read device identification transaction
The Read Device Identification (RDIDN_0_0, RDIDN_4_0) transaction provides read access to manufacturer
identification and device identification. The SPI mode has no address cycles, whereas the Octal mode has four
dummy addresses (00h). The transaction uses latency cycles set by (CFR3V[7:6]) to enable maximum clock
frequency of 166MHz under SPI mode, 166MHz under HL-T Octal, and 200MHz under HS-T Octal mode (see
Table 49). The Octal mode supports the DS for capture of data (see Transaction table on page 95).
4.8.1.2
Read SFDP transaction
The Read Serial Flash Discoverable Parameters (RSFDP_3_0, RSFDP_4_0) transaction provides access to the
JEDEC Serial Flash Discovery Parameters (SFDP) (see Transaction table on page 95). The transaction uses a
3-byte address in SPI mode and 4-byte address in Octal mode address. If a non-zero address is set, the selected
location in the SFDP space is the starting point of the data read. This enables random access to any parameter in
the SFDP space. Continuous (sequential) read is supported with this transaction. Eight latency cycles are
required. Read SFDP Transaction is not supported in Read Password mode before the password is provided. The
maximum clock frequency for the Read SFDP transaction is 156MHz under SPI mode, 92MHz under Octal SDR
mode, and 85MHz under Octal DDR mode.
4.8.1.3
Read unique identification transaction
Read Unique Identification (RDUID_0_0, RDUID_4_0) transaction is similar to Read Device Identification trans-
action, but accesses a different 64-bit number, which is unique to each device. It is factory programmed.
4.8.1.4
Read identification related register and transaction
4.8.2
Read memory array transactions
Memory array data can be read from the memory starting at any byte boundary. Data bytes are sequentially read
from incrementally higher byte addresses until the host ends the data transfer by driving CS# input HIGH. If the
byte address reaches the maximum address of the memory array, the read will continue at address zero of the
array.
4.8.2.1
SPI read and read fast transactions
The SPI Read and Read Fast transactions (1S-1S-1S) are supported for Host systems that require backward
compatibility to legacy SPI. This protocol does not support the DS for capture of data. The option of wrapped
read length is available. The Read transaction is for maximum clock frequency of 50MHz and requires no latency
cycles. The Read Fast Transaction uses latency cycles set by (CFR2V[3:0]) to enable maximum clock frequency of
166MHz (see Transaction table on page 95).
4.8.2.2
Octal data output read transactions (HL256T and HS256T only)
The Octal Data Output Read transactions (1S-1S-8S) are supported for Host systems that have the capability of
x8 data bus but still desire to send the command and address cycles in x1 serial mode. The option of wrapped
read length is available. This Read Transaction uses latency cycles set by (CFR2V[3:0]) to enable maximum clock
frequency of 166MHz (see Transaction table on page 95).
Table 29
Read identification related registers and transactions
Related registers
Related SPI transactions
(see Table 75 on page 95)
Related octal transactions
(see Table 78 on page 99)
Configuration Register 3 (CFR3N, CFR3V)
(see
Table 50 on page 82)
Read Identification (RDIDN_0_0)
Read Identification (RDIDN_4_0)
Configuration Register 5 (CFR5N, CFR5V)
(see
Table 54 on page 85)
Read Serial Flash Discoverable (RSFDP_3_0)
Read Serial Flash Discoverable (RSFDP_4_0)
Read Unique Identification (RDUID_0_1)
Read Unique Identification (RDUID_4_1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com