Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 83 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 83 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 79Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 80Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 81Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 82Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 83Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 84Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 85Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 86Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 87Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 138 page
background image
Datasheet
83 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Registers
5.7
Configuration register 4 (CFR4x)
Configuration Register 4 controls the main Flash array read transactions burst wrap behavior and output driver impedance.
Table 51
Register latency code (cycles) versus frequency[29, 31]
Latency code
SDR SPI register transaction latency dummy cycles
(1S-1S-1S)[28]
SDR octal register transactions
latency dummy cycle (8S-8S-8S)
DDR octal register transactions
latency dummy cycle (8D-8D-D8)
Frequency
RDARG_C_0[30]
RDDYB_4_0
RDPLB_0_0
RDIDN_0_0
RDSR1_0_0
RDSR2_0_0
Frequency
RDARG_4_0[30]
RDPLB_4_0
RDDYB_4_0
RDIDN_4_0
RDSR1_4_0
RDSR2_4_0
Frequency
RDARG_4_0[30]
RDPLB_4_0
RDDYB_4_0
RDIDN_4_0
RDSR1_4_0
RDSR2_4_0
00
50MHz
0
0
50MHz
3
25MHz
3
01
133MHz
1
0
133MHz
4
66MHz
4
10
133MHz
1
1
166MHz
5
166MHz (HL-T) /
200MHz (HS-T)
5
11
166MHz
2
2
200MHz
6
200MHz
6
Notes
28. CK frequency > 166MHz SDR, is not supported.
29. RDUID_4_0 alway has 32 cycles of latency. Maximum frequency under SDR SPI is 166MHz, under HS-T SDR/DDR Octal is 200MHz and under HL-T
SDR/DDR Octal is 166MHz.
30. RDARG_C_0 and RDARG_4_0 uses these dummy cycles for reading volatile registers.
31. RDCRC_4_0 alway has 8 cycles of latency. Maximum frequency under SDR SPI is 166MHz, under HS-T SDR/DDR Octal is 200MHz and under HL-T
SDR/DDR Octal is 166MHz
Table 52
Configuration register 4
Bit
number
Name
Function
Read/Write
N = Nonvolatile
V = Volatile
Factory default
(binary)
Description
CFR4N[7:5]
CFR4V[7:5]
IOIMPD[2:0] I/O Driver Output
Impedance selection
N -> R/W
V -> R/W
101
Description: The IOIMPD[2:0] bits select the IO driver output
impedance (drive strength). The output impedance configu-
ration bits adjust the drive strength during normal device
operation to meet system signal integrity requirements.
Selection Options:
000 = 45Ω
001 = 120Ω
010 = 90Ω
011 = 60Ω
100 = 45Ω
101 = 30Ω (Factory Default)
110 = 20Ω
111 = 15Ω
Dependency: N/A
CFR4N[4]
CFR4V[4]
RBSTWP
Read Burst Wrap Enable
selection
N -> R/W
V -> R/W
0
Description: The RBSTWP bit selects the read burst wrap
feature. It allows the device to enter and exit burst wrapped
read mode during normal operation. The wrap length is
selected by RBSTWL[1:0] bits.
Selection Options:
0 = Read Wrapped Burst disabled
1 = Read Wrapped Burst enabled
Dependency: RBSTWL[1:0] (CFR4x[1:0])
CFR4N[3]
CFR4V[3]
ECC12S
Error Correction Code
(ECC) 1-bit or 1-bit/2-bit
error correction
selection
N -> R/W
V -> R/W
1
Description: The ECC12S bit selects between 1-bit ECC error
detection/correction or both 1-bit ECC error detection and
correction and 2-bit ECC error detection. This configuration
option affects Address Trap Register and ECC Counter
Register functionalities as well. The host needs to erase and
reprogram the data in the SEMPER™ Flash memory upon ECC
configuration change (1-bit correction to 1-bit correction and
2-bit detection or vice versa).
Selection Options:
0 = 1-bit ECC Error Detection/Correction
1 = 1-bit ECC Error Detection/Correction and 2-bit ECC error
detection
Dependency: N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com