Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 38 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 38 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 34Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 35Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 36Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 37Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 38Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 39Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 40Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 41Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 42Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 138 page
background image
Datasheet
38 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Features
4.3.2
Program / erase
The program operation is performed when the host specifies a program transaction while CS# is LOW. Up to 256
bytes / 512 bytes can be written (burst writes) to consecutive addresses without issuing a new program trans-
action. The erase operation is performed when the host specifies an erase transaction while CS# is LOW. Either a
single sector or the complete device can be erased.
For transaction protection, the slave device will perform the CRC over the entire instruction sequence (CS# LOW
state) using the proposed CRC32 polynomial. Once the CS# is brought HIGH to complete the Program / Erase
transaction, the CRC calculation will be stopped and the checksum latched into the CRC Register. If multiple
Program / Erase transactions are executed by the host, the slave will continue updating the CRC checksum
between every CS# LOW cycle.
Figure 40
Program CRC Protection
The host device will read the CRC checksum from the slave device using the Read Interface CRC transaction. The
slave device will include the RDCRC_4_0 transaction as part of the CRC checksum and then place the checksum
data on the data bus. If the host device upon receiving the slave’s CRC checksum finds a mismatch with its own
calculated CRC checksum, it can re-issue the Program / Erase transaction to the slave device. For Flash, multiple
Program / Erase to the same location due to CRC checksum errors will affect data endurance. Figure 41 shows
the solution to this issue.
CK
CS#
Command
(16 Bits)
Address
(32 Bits)
Write Data
(n Bits)
DQ[7:0]
Program Transaction
CRC32 - Equation
CRC Read
Every 32-bits of data is shifted into
CRC32 and the Checksum is updated
CK
CS#
Command
(16 Bits)
Address
(32 Bits)
Write Data
(n Bits)
DQ[7:0]
Program Transaction
CRC32 - Equation
CRC Read
Every 32-bits of data is shifted into
CRC32 and the Checksum is updated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com