Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 40 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 40 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 36Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 37Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 38Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 39Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 40Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 41Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 42Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 43Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 44Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 138 page
background image
Datasheet
40 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Features
4.4
Data integrity CRC
HL-T/HS-T family devices have a group of transactions to perform a hardware accelerated CRC calculation over
a user defined address range in the memory array. The calculation is another type of embedded operation similar
to programming or erase in which the device is busy while the calculation is in progress. The CRC operation uses
the same CRC32 polynomial as Interface CRC to determine the CRC check-value.
CRC32 Polynomial: X32 + X28 + X27 + X26 + X25 + X23 + X22 + X20 + X19 + X18 + X14 + X13 + X11 + X10 + X9 + X8 + X6 + 1
The check-value generation sequence is started by entering the DICHK_4_1 transaction. The transaction includes
loading the beginning address into the CRC Start Address Register and identifying the beginning of the address
range that will be covered by the CRC calculation. The transaction also includes loading the ending address into
the CRC End Address Register. Bringing CS# HIGH starts the CRC calculation. The CRC process calculates the
check-value on the data contained at the starting address through the ending address.
During the calculation period the device goes into the Busy state (STR1V[0] - RDYBSY = 1). Once the check-value
calculation is completed, the device returns to the Ready state (STR1V[0] - RDYBSY = 0) and the calculated
check-value is available to be read. The check-value is stored in the Data Integrity CRC Register (DCRV[31:0]) and
can be read using Read Any Register transaction.
The check-value calculation can only be initiated when the device is in Standby State; and once started it can be
suspended with the CRC Suspend transaction (SPEPD_0_0) to read data from the memory array. During the
Suspended state the CRC Suspend Status Bit in the Status Register 2 will be set (STR2V[4] - DICRCS = 1). Once
suspended, the host can read the Status Register, read data from the array and can resume the CRC calculation
by using the CRC Resume transaction RSEPD_0_0.
The Ending Address (ENDADD) must be at least two addresses higher than the Starting Address (STRADD). If
ENDADD < STRADD + 3, the check-value calculation will abort and the device will return to the Ready state
(STR1V[0] - RDYBSY = 0). Data Integrity CRC abort status bit will be set (STR2V[3] - DICRCA = 1) to indicate the
aborted condition. The DICRCA bit can be cleared, once set, by Software reset or a valid subsequent CRC
command execution. If ENDADD < STRADD + 3, the check-value will hold indeterminate data.
Note Any invalid transaction during CRC check-value calculation can corrupt the check-value data.
4.4.1
Data integrity check related registers and transactions
Table 16
Data integrity CRC related registers and transactions
Related registers
Related SPI transactions
(see Table 75 on page 95)
Related octal transactions
(see Table 78 on page 99)
Status Register 1 (STR1N, STR1V)
(see Table 41 on page 76)
Data Integrity Check (DICHK_4_1)
Data Integrity Check (DICHK_4_1)
Status Register 2 (STR2V)
(see Table 44 on page 78)
Suspend Erase/Program/Data Integrity Check
(SPEPD_0_0)
Suspend Erase/Program/Data Integrity Check
(SPEPD_0_0)
Data Integrity CRC Check-Value Register (DCRV)
(see Table 57 on page 86)
Resume Erase/Program/ Data Integrity Check
(RSEPD_0_0)
Resume Erase/Program/ Data Integrity Check
(RSEPD_0_0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com