Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 36 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 36 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 32Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 33Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 34Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 35Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 36Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 37Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 38Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 39Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 40Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 138 page
background image
Datasheet
36 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Features
4.3
Interface CRC
Interface CRC performs a hardware accelerated CRC calculation on the communication between a host and the
device, ensuring the integrity of information transferred. A CRC is an error-detecting code commonly used in
devices to detect accidental changes to raw data. Interface CRC protection is a configuration option (ICEV[0] -
ITCRCE).
The Interface CRC method in HL-T/HS-T family devices relies entirely on the host to verify the CRC check-value
and take appropriate actions. The device calculates the CRC check-value which the host reads using the Read
Interface CRC transaction (RDCRC_4_0). The check-value calculated includes all transaction contents while CS#
is LOW, namely command, address and data. This CRC checksum can be generated across either a single trans-
action or a set of transactions. The only limitation is that the data size over which the slave is calculating the CRC
checksum must be less than 232 bits.
The host must also calculate the CRC check-value over the same transaction sequence. When ready, the host can
read the device's calculated CRC check-value and compare it with its own. If there is a mismatch, the host can
choose to repeat the complete transaction sequence.
Figure 38
CRC calculation overview
Notes
• At the end of the CRC read transaction, the device resets the CRC check-value and reinitializes the CRC
polynomial.
- CRC32 Polynomial: X32 + X28 + X27 + X26 + X25 + X23 + X22 + X20 + X19 + X18 + X14 + X13 + X11 + X10 + X9 + X8 + X6 + 1
• The CRC polynomial between the host and the device must be identical.
• Interface CRC is supported with Octal DDR protocol only.
• The Interface CRC check-value will reset to 0xFFFFFFFFh under the following conditions:
-POR
-Hardware Reset
-Software Reset
- CS# Signaling Reset
- A read of the Interface CRC check-value
• Exit from Deep Power Down
CK
CS#
Command
(16 Bits)
Address
(32 Bits)
Read Data
(n Bits)
Command
(16 Bits)
Address
(32 Bits)
Write Data
(n Bits)
DQ[7:0]
Read Transaction
Program Transaction
CRC32 - Equation
CRC Read
Every 32-bits of data is shifted into
CRC32 and the Checksum is updated
CK
CS#
Command
(16 Bits)
Address
(32 Bits)
Read Data
(n Bits)
Command
(16 Bits)
Address
(32 Bits)
Write Data
(n Bits)
DQ[7:0]
Read Transaction
Program Transaction
CRC32 - Equation
CRC Read
Every 32-bits of data is shifted into
CRC32 and the Checksum is updated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com