Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 72 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 72 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 68Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 69Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 70Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 71Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 72Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 73Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 74Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 75Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 76Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 138 page
background image
Datasheet
72 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Features
4.14.2.2
Exit DPD
Device leaves DPD mode in one of the following ways:
Exit DPD Mode upon Hardware Reset
When the device is in DPD and CFR4NV[2] = 0, a Hardware reset will return the device to Standby mode.
Exit DPD Mode upon CS# Pulse
Device exits DPD upon receipt of CS# pulse of width tCSDPD. The CS# should be driven HIGH after the pulse. HIGH
to LOW transition on CS# is required to start a transaction cycle after the DPD exit. It takes tEXTDPD to come out of
DPD mode. The device will not respond until after tEXTDPD.
Figure 62
Exit DPD mode
The device maintains its configuration during DPD, meaning the device exits DPD in the same state as it entered.
Registers such as the ECC Status, ECC Error Detection Counter, Address Trap, and Interrupt Status Registers will
be cleared.
4.14.2.3
DPD related registers and transactions
4.15
Power up and power down
The device must not be selected at power up or power down until VCC reaches the correct value as follows:
•VCC (min) at power up, and then for a further delay of tPU
•VSS at power down
Table 39
DPD related registers and transactions
Related registers
Related SPI transactions
(see Table 75 on page 95)
Related octal transactions
(see Table 78 on page 99)
Configuration Register 4 (CFR4N, CFR4V)
(see Table 52 on page 83)
Enter Deep Power Down Mode (ENDPD_0_0)
Enter Deep Power Down Mode (ENDPD_0_0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com