Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 64 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 64 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 60Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 61Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 62Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 63Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 64Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 65Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 66Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 67Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 68Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 138 page
background image
Datasheet
64 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Features
4.11.6
Erase related registers and transaction
4.12
Suspend and resume embedded operation
HL-T/HS-T device can interrupt and suspend the running embedded operations such as Erase, Program or Data
Integrity Check. It can also resume the suspended operation once the host finishes the intermediate operation
and sends the respective resume transaction to the device.
4.12.1
Erase, program or data integrity check suspend
The Suspend transaction allows the system to interrupt a program, erase, or data integrity check operation and
then read from any other non erase-suspended sector, non-program-suspended-page, or the array. The Device
Ready/Busy Status Flag (RDYBSY) in Status Register 1 (STR1V[0]) must be checked to know when the program,
erase, or data integrity check operation has stopped.
4.12.1.1
Program suspend
• Program Suspend is valid only during a programming operation.
• The Program Operation Suspend Status flag (PROGMS) in Status Register-2 (STR2V[0]) can be used to determine
if a programming operation has been suspended or was completed at the time RDYBSY changes to 0.
• A program operation can be suspended to allow a read operation.
• Reading at any address within a program-suspended page produces undetermined data.
4.12.1.2
Erase suspend
• Erase Suspend is valid only during a sector erase operation.
• The Erase operation Suspend status flag (ERASES) in Status Register-2 (STR2V[1]) can be used to determine if
an erase operation has been suspended or was completed at the time RDYBSY changes to 0.
• A Chip Erase operation cannot be suspended.
• An Erase operation can be suspended to allow a program operation or a read operation.
• During an erase suspend, the DYB array can be read to examine sector protection.
• A new erase operation is not allowed with an already suspended erase, program, or data integrity check
operation. An erase command is ignored in this situation.
• Reading at any address within an erase-suspended sector produces undetermined data.
Table 34
Erase related registers and transactions
Related registers
Related SPI transactions
(see Table 75 on page 95)
Related octal transactions
(see Table 78 on page 99)
Status Register 1 (STR1N, STR1V)
(see Table 41 on page 76)
Write Enable (WRENB_0_0)
Write Enable (WRENB_0_0)
Status Register 2 (STR2V)
(see Table 44 on page 78)
Erase 4KB Sector (ER004_4_0)
Erase 4KB Sector (ER004_4_0)
Configuration Register 5 (CFR5N, CFR5V)
(see Table 54 on page 85)
Erase 256KB Sector (ER256_4_0)
Erase 256KB Sector (ER256_4_0)
ASP PPB Lock (PPLV)
(see Table 63 on page 89)
Erase Chip (ERCHP_0_0)
Erase Chip (ERCHP_0_0)
ECC Status Register (ECSV)
(see Table 58 on page 86)
Evaluate Erase Status (EVERS_4_0)
Evaluate Erase Status (EVERS_4_0)
Sector Erase Count Register (SECV)
(see Table 67 on page 90)
Sector Erase Count (SEERC_4_0)
Sector Erase Count (SEERC_4_0)
Erase Persistent Protection Bit (PPB) Transaction
(ERPPB_0_0)
Erase Persistent Protection Bit (PPB) Transaction
(ERPPB_0_0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com