Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 95 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 95 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 91Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 92Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 93Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 94Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 95Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 96Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 97Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 98Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 99Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 138 page
background image
6Transaction table
6.1
SPI (1S-1S-1S) transaction table
Table 75
SPI (1S-1S-1S) transaction table
Function
Transaction
name
Description
Prerequisite
transaction
Byte 1
(Hex)
Byte 2
(Hex)
Byte 3
(Hex)
Byte 4
(Hex)
Byte 5
(Hex)
Byte 6
(Hex)
Byte 7
(Hex)
Byte 8
(Hex)
Byte 9
(Hex)
Transaction
format
Max
frequency
(MHz)
Address
length
Read device
ID
RDIDN_0_0
Read manufacturer and device
identification transaction provides read
access to manufacturer and device
identification.
-
9F
(CMD)
--
-
-
-
-
-
-
Figure 11
166
N/A
RSFDP_3_0
Read JEDEC Serial Flash Discoverable
Parameters transaction sequentially
accesses the Serial Flash Discovery
Parameters (SFDP).
-
5A
(CMD)
ADDR
[23:16]
ADDR
[15:8]
ADDR
[7:0]
---
-
-
Figure 12
156
3
RDUID_0_0
Read Unique ID accesses a factory
programmed 64-bit number which isunique
to each device.
-
4C
(CMD)
--
-
-
-
-
-
-
Figure 11
166
N/A
Register
access
RDSR1_0_0
Read Status Register 1 transaction allows
the Status Register 1 contents to be read
from DQ1/SO.
-
05
(CMD)
--
-
-
-
-
-
-
RDSR2_0_0
Read Status Register-2 transaction allows
the Status Register-2 contents to be read
from DQ1/SO.
-
07
(CMD)
--
-
-
-
-
-
-
RDARG_C_0
Read Any Register transaction provides a
way to read all addressed nonvolatile and
volatile device registers.
-
65
(CMD)
ADDR
[23:16]
ADDR
[15:8]
ADDR
[7:0]
---
-
-
Figure 12
3
-
ADDR
[31:24]
ADDR
[23:16]
ADDR
[15:8]
ADDR
[7:0]
--
-
-
4
WRENB_0_0
Write Enable sets the Write Enable Latch bit
of the Status Register 1 to 1 to enable write,
program and erase transactions.
-
06
(CMD)
--
-
-
-
-
-
-
Figure 6
N/A
WRDIS_0_0
Write Disable sets the Write Enable Latch
bit of the Status Register 1 to 0 to disable
write, program and erase transactions
execution.
-
04
(CMD)
--
-
-
-
-
-
-
WRARG_C_1
Write Any Register transaction provides a
way to write all addressed nonvolatile and
volatile device registers.
WRENB_0_0
71
(CMD)
ADDR
[23:16]
ADDR
[15:8]
ADDR
[7:0]
Input
Data
[7:0]
--
-
-
Figure 9
3
ADDR
[31:24]
ADDR
[23:16]
ADDR
[15:8]
ADDR
[7:0]
Input
Data
[7:0]
--
-
4
CLPEF_0_0
Clear Program and Erase Failure Flags
transaction resets STR1V[5] (Erase failure
flag) and STR1V[6] (Program failure flag).
-
82
(CMD)
--
-
-
-
-
-
-
Figure 6
N/A
ECC
RDECC_4_0
Read ECC Status is used to determine the
ECC status of the addressed data unit.
-
19
(CMD)
ADDR
[31:24]
ADDR
[23:16]
ADDR
[15:8]
ADDR
[7:0]
--
-
-
Figure 12
4
CLECC_0_0
Clear ECC Status Register transaction
resets ECC Status Register bit[4] (2-bit ECC
Detection), ECC Status Register bit[3] (1-bit
ECC Correction), Address Trap Register and
ECC Detection Counter.
-
1B
(CMD)
--
-
-
-
-
-
-
Figure 6
N/A
CRC
DICHK_4_1
Data Integrity Check transaction causes
the device to perform a Data Integrity Check
over a user defined address range.
-
5B
(CMD)
Start
ADDR
[31:24]
Start
ADDR
[23:16]
Start
ADDR
[15:8]
Start
ADDR
[7:0]
End
ADDR
[31:24]
End
ADDR
[23:16]
End
ADDR
[15:8]
End
ADDR
[7:0]
Figure 8
166
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com