Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 41 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 41 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 37Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 38Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 39Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 40Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 41Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 42Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 43Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 44Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 45Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 138 page
background image
Datasheet
41 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Features
4.5
Data protection schemes
Data protection is required to safeguard against unintended changes to stored data and device configuration.
This includes inadvertent erasing or programming the memory array as well as writing to the configuration
registers, which can alter the functionality of the device. Three types of protection schemes are discussed which
range from protecting either a single or a group of sectors to either a portion or the complete memory array.
Figure 42 shows an overview of different protection schemes along with applicable data regions.
Figure 42
Data protection and security (write/program/erase) schemes
4.5.1
Legacy block protection (LBP)
The Legacy Block Protection (LBP), is a block based data protection scheme. LBP supports compatibility with
legacy serial NOR Flash devices. LBP provides protection for data in the memory array and device configuration
by protecting Status and Configuration registers.
4.5.1.1
Memory array protection
The protection for the memory array is with block size selection which is achieved through a combination of bits
present in the Status Register 1 (STR1N[4:2]/STR1V[4:2] - LBPROT[2:0]) and Configuration Register 1
(CFR1N[5]/CFR1V[5] - TBPROT). Table 17 provides the LBP memory array block selection summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com