Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 69 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 69 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 65Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 66Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 67Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 68Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 69Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 70Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 71Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 72Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 73Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 138 page
background image
Datasheet
69 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Features
After the fourth CS# pulse, the slave triggers its internal reset, the device terminates any operation in progress,
makes all outputs high impedance, and ignores all read/write transactions for the duration of tRESET. Then the
device will be in standby state.
This reset sequence is not intended to be used at normal power on, but to be used only when the device is not
responding to the system. This reset sequence will be operational from any state that the device may be in.
Hence, CS# signaling reset is useful for packages that don't support a RESET# pin to provide behavior identical
to Hardware Reset.
Figure 60
CS# signaling reset protocol
4.13.4
Software reset
Software controlled Reset transaction restores the device to its initial power up state, by reloading volatile
registers from nonvolatile default values except the protection registers. It also terminates the embedded opera-
tions. A reset transaction (SFRST_0_0) is executed when CS# is brought HIGH at the end of the transaction and
requires tSR time to execute. See Table 85 for timing specifications.
The Reset Enable (SRSTE_0_0) transaction is required immediately before a Reset transaction (SFRST_0_0) such
that a software reset is a sequence of the two transactions. Any transaction other than SFRST_0_0 following the
SRSTE_0_0 transaction will clear the reset enable condition and prevent a later SFRST_0_0 transaction from
being recognized.
The Reset (SFRST_0_0) transaction immediately following a SRSTE_0_0 transaction, initiates the software reset
process. During software reset, only RDSR1_4_0, RDARG_C_0, and RDARG_4_0 of Status Register 1 are supported
operations as long as the volatile and nonvolatile configuration states of the device are the same. If the configu-
ration state is changing during software reset, reading Status Register 1 should only be done after the software
reset time has elapsed.
The software reset is independent of the state of RESET#. If RESET# is HIGH or Unconnected, and the software
reset transactions are issued, the device will perform software reset.
4.13.4.1
Software reset related registers and transactions
Table 37
Software reset related registers and transactions
Related registers
Related SPI transactions
(see Table 75 on page 95)
Related octal transactions
(see Table 78 on page 99)
N/A
Software Reset Enable (SRSTE_0_0)
Software Reset Enable (SRSTE_0_0)
Software Reset (SFRST_0_0)
Software Reset (SFRST_0_0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com