Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 31 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 31 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 27Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 28Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 29Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 30Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 31Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 32Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 33Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 34Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 35Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 138 page
background image
Datasheet
31 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Features
4.1.1.5
INT# output
• HL-T/HS-T supports INT# output pin to indicate to the host system that an event has occurred within the flash
device. The user can configure the INT# output pin to transition to the active (LOW) state when:
- 2-bit ECC error is detected
- 1-bit ECC error is detected
- Transitioning from the Busy to the Ready state
The INT# pin is only available in BGA package. Operation is controlled with the Interrupt Configuration Register
(INCV) where the INT# output (normally HIGH) is enabled. The Interrupt Configuration Register determines
when an internal event is enabled to trigger a HIGH to LOW transition on the INT# output pin.
The Interrupt Status Register (INSV) indicates the enabled internal event(s) that have occurred since the last
time the INSV was cleared.
If enabled, the INT# output pin will then transition from HIGH to LOW upon the occurrence of an enabled event.
Once the host recognizes that INT# has transitioned to the LOW state the INSV Register can be read to deter-
mine which internal event was responsible. INT# output status during POR, Hardware Reset, Software Reset,
DPD Exit, or CS# Signaling Reset is not valid.
• The INCV and INSV can be accessed through Read Any Register transaction from the SPI and Octal interfaces.
Write Any Register transaction to INCV is only supported in the Octal interface.
• The INT# output can be forced to transition back to the HIGH state (returned HIGH by an external pull-up resis-
tance) using the following methods:
- Disable the INT# output by loading a 1 into bit 7 of the Interrupt Configuration Register.
- Reset the appropriate bit (by writing a 1) in the INSV bit that indicates which internal event occurred to cause
the output to go LOW. All INSV bits that are LOW and are also enabled in the INSV must be reset before the
INT# output will return HIGH.
- TheINT#outputwillalsobereturnedtothedefault(disabled,High-Z)statewithCS#SignalingReset,Hardware
Reset (RESET# = LOW) or a POR. Hardware Reset and POR disable all interrupts by setting the Interrupt Con-
figuration Register back to the default (all interrupts disabled) state.
- Clearing ECC Status Register after the ECC event forces the INT# output to HIGH state.
4.1.2
ECC related registers and transactions
Table 10
ECC related registers and transactions
Related registers
Related SPI transactions
(see Table 75 on page 95)
Related octal transactions
(see Table 78 on page 99)
Configuration Register - 4 (CFR4N, CFR4V)
(see Table 52 on page 83)
Read Any Register (RDARG_C_0)
Read Any Register (RDARG_4_0)
ECC Status Register (ECSV) (see Table 58 on page 86)
Write Enable (WRENB_0_0)
Write Enable (WRENB_0_0)
ECC Address Trap Register (EATV) (see Table 59 on page 87)
Write Any Register (WRARG_C_1)
Write Any Register (WRARG_4_1)
ECC Error Detection Counter Register (ECTV)
(see Table 60 on page 87)
Read ECC Status (RDECC_4_0)
Read ECC Status (RDECC_4_0)
Interrupt Configuration Register (INCV) (see Table 68 on page 91)
Clear ECC Status Register
(CLECC_0_0)
Clear ECC Status Register (CLECC_0_0)
Interrupt Status Register (INSV) (see Table 69 on page 92)-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com