Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 81 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 81 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 77Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 78Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 79Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 80Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 81Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 82Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 83Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 84Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 85Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 138 page
background image
Datasheet
81 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Registers
Table 49
Latency code (cycles) versus frequency[24, 25, 27]
Latency code
Number of cycles
(1-1-1 / 8-8-8)
SDR SPI read transactions (MHz)
(1S-1S-1S / 1S-1S-8S)
SDR octal read transactions
(MHz)
(8S-8S-8S)
DDR octal read transactions
(MHz)
(8D-8D-8D)
RDAY2_C_0
RDSSR_4_0
RDARG_C_0[26]
RDECC_4_0
RDPPB_4_0
RDAY1_4_0
RDSSR_4_0
RDARG_4_0[26]
RDECC_4_0
RDPPB_4_0
RDAY2_4_0
RDSSR_4_0
RDARG_4_0[26]
RDECC_4_0
RDPPB_4_0
0000
0 / 5
50
50
42
0001
1 / 6
68
64
57
0010
2 / 8
81
92
85
0011
3 / 10
93
121
107
0100
4 / 12
106
150
121
0101
5 / 14
118
166 (HL-T) / 178 (HS-T)
135
0110
6 / 16
131
200
150
0111
7 / 18
143
200
164
1000
8 / 20
156
200
166 (HL-T) / 178 (HS-T)
1001
9 / 22
166
200
192
1010
10 / 23
166
200
200
1011
11 / 24
166
200
200
1100
12 / 25
166
200
200
1101
13 / 26
166
200
200
1110
14 / 27
166
200
200
1111
15 / 28
166
200
200
Notes
24. When using the ECC error reporting mechanisms, the read output data must be at least 2 bytes for correct ECC reporting.
25. CK frequency > 200MHz SDR, or > 200MHz DDR is not supported by HS-T family of devices and CK frequency > 166MHz SDR, or > 166MHz DDR is not
supported by HL-T family of devices.
26. RDARG_C_0 and RDARG_4_0 uses these latency cycles for reading nonvolatile registers.
27. RSFDP_3_0 always have a dummy cycle of eight and the maximum frequencies for different interfaces related to eight dummy cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com