Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 46 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 46 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 42Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 43Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 44Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 45Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 46Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 47Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 48Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 49Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 50Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 138 page
background image
Datasheet
46 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Features
Figure 48
Permanent PPB sector protection flowchart
4.5.2.5
Temporary PPB protection scheme
PPB based nonvolatile protection architecture can be temporarily locked where erasing and programming of the
individual PPB bits is inhibited. The Persistent Protection Lock Bit (PPBLock) is a volatile bit for protecting all PPB
bits. When cleared to 0, it locks all PPBs and when set to 1, it allows the PPBs to be changed. There is only one
PPB Lock Bit per device. The PPBLock transaction (WRPLB_0_0) is used to clear the bit to 0. The PPB Lock Bit must
be cleared to 0 only after all the PPBs are configured to the desired settings. The PPB Lock Bit is set to 1 during
POR or a Hardware Reset. When cleared with the PPBLock transaction, no software command sequence can set
PPBLock, only another Hardware Reset or Power-Up can set PPBLock.
Note Temporary PPB Protection does not require any ASP configuration.
4.5.2.6
Password protection scheme
Password Protection scheme allows an even higher level of security by requiring a 64-bit password for setting
PPBLock. In addition to this password requirement, after Power-Up or Hardware Reset, the PPB Lock Bit is
cleared to 0 to ensure protection at Power-Up. Successful execution of the Password Unlock command by
entering the entire password sets the PPB Lock Bit to 1, allowing for sector PPB modifications. Selecting bit 2 in
Advanced Sector Protection Register (ASPO[2] - ASPPWD) selects the Password Protection scheme. Password
Protection scheme also protects ASPO from write or program.
Note A password must be programmed before selecting the password protection scheme. The password unlock
SPI transaction (PWDUL_0_1) or Octal transaction (PWDUL_4_1) is used to provide a password for comparison.
The Password Protection scheme flowchart is shown in Figure 49.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com