Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 91 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 91 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 87Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 88Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 89Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 90Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 91Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 92Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 93Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 94Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 95Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 138 page
background image
Datasheet
91 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Registers
5.22
INT# pin configuration register (INCV) - octal only
The INT# pin Configuration Register (INCV) configures which internal event will trigger a HIGH to LOW transition
on the INT# output pin.
Notes
• When INCV disables a particular feature from driving the INT# pin, it will prevent the corresponding INSV bit(s)
from being updated.
• Clearing a bit within INCV has no effect on INSV, and it is a system responsibility to independently clear the INSV
as required.
SECV[22:0]
SECVAL[22:0] Sector Erase Count
Value
V -> R
0x000000
Description: The SECVAL[22:0] bits store the number of
times a sector has been erased
Selection Options: Value
Dependency: N/A
Table 68
Interrupt configuration register
Bit
number
Name
Function
Read/Write
N = Nonvolatile
V = Volatile
Factory default
(binary)
Description
INCV[7]
INTBEN
INT# pin Enable
Selection
V -> R/W
1
Description: The INT# pin is an open-drain output used to
indicate to the host system that an event has occurred within
the memory device. The INTBEN bit enables or disables the
functionality controlling INT# pin.
Selection Options:
0 = INT# pin functionality is enabled
1 = INT# pin functionality is disabled
Dependency: N/A
INCV[6:5]
RESRVD
Reserved for Future
Use
V -> R/W
11
These bits are Reserved for future use. This bit must always be
written/loaded to its default state.
INCV[4]
REYBSY
Ready/Busy
Transition Selection
V -> R/W
1
Description: The REYBSY bit enables or disables whether
device ready/busy state will transition INT#.
Selection Options:
0 = A Busy to Ready transition will cause a HIGH to LOW
transition on the INT# output
1 = Ready/Busy transitions will not transition the INT# output
Dependency: N/A
INCV[3:2]
RESRVD
Reserved for Future
Use
V -> R/W
11
These bits are Reserved for future use. This bit must always be
written/loaded to its default state.
INCV[1]
ECC2BT
ECC 2-bit Error
Detection Selection0
V -> R/W
1
Description: The ECC2BT bit enables or disables whether a
2-bit ECC detection error will transition INT#.
Selection Options:
0 = 2-bit ECC detection will cause a HIGH to LOW transition the
INT# output
1 = 2-bit ECC detection will not transition the INT# output
Dependency: N/A
INCV[0]
ECC1BT
ECC 1-bit Error
Detection and
Correction Selection
V -> R/W
1
Description: The ECC1BT bit enables or disables whether a
1-bit ECC detection and correction error will transition INT#.
Selection Options:
0 = 1-bit ECC detection and correction will cause a HIGH to
LOW transition the INT# output
1 = 1-bit ECC detection and correction will not transition the
INT# output
Dependency: N/A
Table 67
Sector erase count register (Continued)
Bit
number
Name
Function
Read/Write
N = Nonvolatile
V = Volatile
Factory default
(binary)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com