Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 82 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 82 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 78Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 79Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 80Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 81Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 82Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 83Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 84Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 85Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 86Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 138 page
background image
Datasheet
82 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Registers
5.6
Configuration register 3 (CFR3x)
Configuration Register 3 controls transaction behavior.
Table 50
Configuration register 3
Bit
number
Name
Function
Read/Write
N = Nonvolatile
V = Volatile
Factory
default
(binary)
Description
CFR3N[7:6]
CFR3V[7:6]
VRGLAT[1:0]
Volatile Register Read
Latency selection -
Dummy cycles
required for initial
data access
N -> R/W
V -> R/W
00
Description: The VRGLAT[1:0] bits control the read latency (dummy
cycles) delay in all variable latency register read transactions.
VRGLAT[1:0] selection allows the user to adjust the read latency during
normal operation based on different operating frequencies.
Selection Options:
00, 01, 10, 11 Latency Cycles Selection based on transaction opcodes
Dependency: N/A
CFR3N[5]
CFR3V[5]
BLKCHK
Blank Check selection
during Erase
operation for better
endurance
N -> R/W
V -> R/W
0
Description: When this feature is enabled an erase transaction first
evaluates the erase status of the sector. If the sector is found to erased,
the erase operation is aborted. In other words, the erase operation is
only executed if programmed bits are found in the sector. Disabling
BLKCHK executes an erase operation unconditionally.
Selection Options:
0 = Blank Check is disabled before executing an erase operation
1 = Blank Check evaluation is enabled before executing an erase
operation
Dependency: N/A
CFR3N[4]
CFR3V[4]
PGMBUF
Program Buffer Size
selection
N -> R/W
V -> R/W
0
Description: The PGMBUF bit selects the Programming Buffer size
which is used for page programming. Program buffer size affects the
device programming time.
Note If programming data exceeds the program buffer size, data gets
wrapped.
Selection Options:
0 = 256 Byte Write Buffer Size
1 = 512 Byte Write Buffer Size
Dependency: N/A
CFR3N[3]
CFR3V[3]
UNHYSA
Uniform or Hybrid
Sector Architecture
Selection
N -> R/W
V -> R
0
Description: The UNHYSA bit selects between uniform (all 256KB
sectors) or hybrid (4KB sectors and 256KB sectors) sector architecture.
If hybrid sector architecture is selected, 4KB sector block is made part
of the main Flash array address map. The 4KB sector block can overlay
at either the highest or the lowest address range of the device. If
uniform sector architecture is selected, 4KB sector block is removed
from the address map and all sectors are of uniform size.
Note Hybrid sector architecture also enables 4KB Sector Erase trans-
action (20h). Otherwise, 4KB Sector Erase transaction, if issued, is
ignored by the device.
Selection Options:
0 = Hybrid Sector Architecture (combination of 4KB sectors and 256KB
sectors)
1 = Uniform Sector Architecture (all 256KB sectors)
Dependency: SP4KBS(CFR1N[6]), TB4KBS(CFR1N[2])
CFR3N[2]
CFR3V[2]
RESRVD
Reserved for Future
Use
N -> R/W
V -> R/W
0
This bit is Reserved for future use. This bit must always be
written/loaded to its default state.
CFR3N[1]
CFR3V[1]
RESRVD
Reserved for Future
Use
N -> R/W
V -> R/W
0
CFR3N[0]
CFR3V[0]
RESRVD
Reserved for Future
Use
N -> R/W
V -> R/W
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com