Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 50 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 50 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 46Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 47Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 48Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 49Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 50Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 51Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 52Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 53Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 54Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 138 page
background image
Datasheet
50 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Features
The first 32-byte region (starting at address 0) provides the protection mechanism for the other 32-byte regions.
The sixteen lowest bytes of this region contain a 128-bit random number. The random number cannot be written
to, erased or programmed. The next four bytes (32 bits in total) of this region provide protection from
programming if set to '0' for the remaining 32-byte regions - one bit per 32-byte region. All other bytes are
reserved.
Note Attempting to Erase or Program the 128-bit random number will result in ERSERR or PRGERR respectively.
A hardware Reset is required to bring the device back to Standby mode.
4.5.3.1
SSR related registers and transactions
4.6
SafeBoot
SEMPER™ Flash memory devices contain an embedded microcontroller which is used to initialized the device,
manage embedded operations, and perform other advanced functionality. An initialization failure of this
embedded microcontroller or corruption of the nonvolatile configuration registers can render the flash device
unusable. Baring a catastrophic event, such as permanent corruption of the embedded microcontroller
firmware, it is possible to recover the device.
The SafeBoot feature allows Status Register polling to detect an embedded microcontroller initialization failure
or configuration register corruption through error signatures.
4.6.1
Microcontroller initialization failure detection
If the microcontroller embedded in the flash device fails to initialize, a hardware reset can recover the device,
unless it is a catastrophic failure. This hardware reset must be initiated by the Host controller. Upon detecting a
failed microcontroller initialization, the Flash device automatically reverts to its Default Boot mode (1S-1S-1S)
and provides a failure signature in its Status Register.
Table 22 shows the device’s Status Register bits upon detecting an initialization failure.
Table 21
SSR related registers and transactions
Related registers
Related SPI transactions
(see Table 75 on page 95)
Related octal transactions
(see Table 78 on page 99)
N/A
Program Secure Silicon Region (PRSSR_4_1)
Program Secure Silicon Region (PRSSR_4_1)
Read Secure Silicon Region (RDSSR_4_0)
Read Secure Silicon Region (RDSSR_4_0)
Table 22
Status register 1 power-on detection signature
Bit
Field name
Function
Detection
signature
STR1V[7]
RESRVD
Reserved for Future Use
0
STR1V[6]
PRGERR
Programming Error Status Flag
1
STR1V[5]
ERSERR
Erasing Error Status Flag
1
STR1V[4]
LBPROT[2:0]
Legacy Block Protection based memory Array size selection
Note: LBPRIT[2:0] can be anything from 000 to 111 based on Block Protection configu-
ration
0
STR1V[3]
0
STR1V[2]
0
STR1V[1]
WRPGEN
Write/Program Enable Status Flag
0
STR1V[0]
RDYBSY
Device Ready/Busy Status Flag
1
Table 23
Interface configuration upon detecting power-on failure[17]
Interface
Transactions supported
Register
type
Address
(# of
bytes)
Frequency of operation
Register read
latency
(# of clock cycles)
Output
impedance
SPI
(1S-1S-1S)
Read Status Register 1
Read Any Register
Status
Register
(Volatile Only)
4
Maximum (allowed for Read Status
Register 1 and Read Any Register
transaction)
245
Note
17.For reading the Status Register, providing the nonvolatile Status Register address to Read Any Register transaction will produce
indeterminate results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com