Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 14Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 15Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 16Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 17Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 18Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 19Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 20Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 21Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 138 page
background image
Datasheet
18 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Interface overview
Figure 20
Octal SDR transaction with command and address input
Figure 21
Octal DDR transaction with command and address input[2]
Figure 22
Octal SDR transaction with command and two input addresses
Figure 23
Octal DDR transaction with command and two input addresses
Command
CK
CS#
DQ[7:0]
CMD
[7:0]
CMD
[7:0]
ADDR
[31:24]
MSb LSb
ADDR
[7:0]
ADDR
[23:16]
ADDR
[15:8]
Address
MSB
LSB
Command
CK
CS#
DQ[7:0]
CMD
[7:0]
CMD
[7:0]
ADDR
[31:24]
MSb LSb
ADDR
[7:0]
ADDR
[23:16]
ADDR
[15:8]
Address
MSB
LSB
Command
CK
CS#
DQ[7:0]
CMD
[7:0]
CMD
[7:0]
ADDR
[31:24]
MSb LSb
ADDR
[23:16]
ADDR
[7:0]
Address
ADDR
[15:8]
Command
CK
CS#
DQ[7:0]
CMD
[7:0]
CMD
[7:0]
ADDR
[31:24]
MSb LSb
ADDR
[23:16]
ADDR
[7:0]
Address
ADDR
[15:8]
Command
CK
CS#
DQ[7:0]
CMD
[7:0]
CMD
[7:0]
00h
MSb LSb
00h
ADDR 1
[31:24]
00h
00h
ADDR 1
[7:0]
ADDR 2
[31:24]
MSB
LSB
ADDR 2
[7:0]
Command
CK
CS#
DQ[7:0]
CMD
[7:0]
CMD
[7:0]
00h
MSb LSb
00h
ADDR 1
[31:24]
00h
00h
ADDR 1
[7:0]
ADDR 2
[31:24]
MSB
LSB
ADDR 2
[7:0]
Note
2. The LSb of the address always be zero in any Octal DDR transactions with the address input.
Command
CK
CS#
DQ[7:0]
Input Data
(Start Address)
CMD
[7:0]
CMD
[7:0]
00h
MSb LSb
00h
Input Data
(End Address)
ADDR 1
[31:24]
00h
00h
ADDR 1
[7:0]
ADDR 2
[31:24]
MSB
LSB
ADDR 2
[7:0]
Command
CK
CS#
DQ[7:0]
Input Data
(Start Address)
CMD
[7:0]
CMD
[7:0]
00h
MSb LSb
00h
Input Data
(End Address)
ADDR 1
[31:24]
00h
00h
ADDR 1
[7:0]
ADDR 2
[31:24]
MSB
LSB
ADDR 2
[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com