Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 3 Page - Infineon Technologies AG

  28HS01GTAM03 Datasheet HTML 1Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 2Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 3Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 4Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 5Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 6Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 7Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 8Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 138 page
background image
Datasheet
3 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Data integrity
Data integrity
Program / Erase (PE) endurance - High endurance (256KB sectors)
Sectors in partition
Minimum PE cycles
Minimum retention
time
Unit
512 (Default for 1Gb devices)
2,560,000
2Years
508
2,540,000
504
2,520,000
...
...
256 (Default for 512Mb devices)
1,280,000
252
1,260,000
128 (Default for 256Mb devices)
640,000
...
28
140,000
24
120,000
20
100,000
Note Minimum cycles is for entire High Endurance Partition.
Program / Erase endurance - Long retention partition (256KB sectors)
Minimum PE cycles
Minimum retention time
Unit
500
25
Years
Note Minimum cycles is for each sector.
Program / Erase endurance 4KB sector and nonvolatile register array
Flash memory type
Minimum cycles
Unit
Minimum
retention time
Unit
Program/Erase cycles per 4KB sector
500
PE cycles
25
Years
300,000
Note It is required to restrict the power loss events
to 300 times per sector during program or erase
operation to achieve the mentioned endurance
cycles.
2
Program/Erase cycles per Persistent Protection
Bits (PPB) array or nonvolatile register array
Note Each write transaction to a nonvolatile
register causes a PE cycle on the entire
nonvolatile register array.
500
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com