Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 48 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 48 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 44Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 45Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 46Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 47Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 48Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 49Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 50Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 51Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 52Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 138 page
background image
Datasheet
48 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Features
4.5.2.7
Read password protection scheme
The Read Password Protection scheme replaces the Password Protection scheme and provides the most data
protection. The Read Password Protection scheme enables protecting the Flash Memory Array from read,
program, and erase. Only the lowest or highest (256-KB) sector address range, selected by bit 5 of Configuration
Register 1 (CFR1x[5] - TBPROT), remains readable until a successful Password Unlock transaction is complete. A
'0' selects from the top most sector and a '1' selects from the bottom most sector irrespective of the sector
address supplied in the read transaction. Note that reads from the read-protected portion of the array will alias
back to the readable sector.
Note A password must be programmed before selecting the Read Password protection scheme. The password
unlock SPI transaction (PWDUL_0_1) or Octal transaction (PWDUL_4_1) is used to provide a password for
comparison. The Read Password Protection scheme flowchart is shown in Figure 50.
Figure 50
Read password protection scheme flowchart
4.5.2.8
PPB Bits - OTP selection
ASP provides a configuration option to permanently disable the PPB erase transaction (ERPPB_0_0). This makes
all PPB bits one-time programmable. With this option, once the PPB protection is selected, it can never be
changed. Selecting bit 3 in Advanced Sector Protection Register (ASPO[3] - ASPPPB) makes PPB bits OTP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com