Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 6Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 7Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 8Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 9Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 10Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 11Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 12Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 13Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 138 page
background image
Datasheet
10 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Interface overview
2.2
Signal protocols
2.2.1
SEMPER™ Flash octal and SPI clock modes
The SEMPER™ Flash with Octal interface device can be driven by an embedded microcontroller (bus master) in
either of the following two clocking modes:
• Mode 0 with Clock Polarity LOW at the fall of CS# and staying LOW until it goes HIGH at capture input.
• Mode 3 with Clock Polarity HIGH at the fall of CS# then going LOW to HIGH at capture input.
For these two modes, data is latched into the device on the rising edge of the CK signal in SDR protocol and both
edges of the CK signal in DDR protocol. The output data in SDR protocol is available on the falling edge of the CK
clock signal and the output data in DDR protocol is available on the rising edge of the CK clock signal.
The difference between the two modes is the clock polarity when the bus master is in Standby mode and not
transferring any data.
Figure 3
SPI SDR mode support
Figure 4
Octal SDR mode support



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com