Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 66 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 66 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 62Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 63Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 64Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 65Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 66Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 67Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 68Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 69Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 70Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 138 page
background image
Datasheet
66 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Features
4.12.2
Erase, program or data integrity check resume
An Erase, Program or Data Integrity Check Resume transaction must be written to resume a suspended operation.
After program or read operations are completed during a Program, Erase, or Data Integrity Check suspend, the
Resume transaction is sent to resume the suspended operation.
After an Erase, Program or Data Integrity Check Resume transaction is issued, the RDYBSY bit in Status Register
1 will be set to a 1 and the programming operation will resume if one is suspended. If no program operation is
suspended, the suspended erase operation will resume. If there is no suspended program, erase or data integrity
check operation, the resume transaction is ignored.
Program, Erase or Data Integrity Check operations may be interrupted as often as necessary. For example, a
program suspend transaction could immediately follow a program resume transaction, but for a program or
erase operation to progress to completion there must be some period of time between resume and the next
suspend transaction greater than or equal to tPEDRS. Figure 54 shows the flow of suspend and resume operation.
Figure 54
Suspend and resume sequence
4.12.3
Suspend and resume related registers and transactions
Table 36
Suspend and resume related registers and transactions
Related registers
Related SPI transactions
(see Table 75 on page 95)
Related octal transactions
(see Table 78 on page 99)
Status Register 1 (STR1N, STR1V)
(see Table 41 on page 76)
Suspend Erase / Program / Data Integrity Check
(SPEPD_0_0)
Suspend Erase / Program / Data Integrity Check
(SPEPD_0_0)
Status Register 2 (STR2V)
(see Table 44 on page 78)
Resume Erase / Program / Data Integrity Check
(RSEPD_0_0)
Resume Erase / Program / Data Integrity Check
(RSEPD_0_0)
Read Any Register (RDARG_C_0)
Read Any Register (RDARG_4_0)
Read Status Register -1 (RDSR1_0_0)
Read Status Register -1 (RDSR1_4_0)
Read Status Register -2 (RDSR2_0_0)
Read Status Register -2 (RDSR2_4_0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com